Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76113DK8 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HUF76113DK8
Description  6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76113DK8 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUF76113DK8 Datasheet HTML 2Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 3Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 4Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 5Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 6Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 7Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 8Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 9Page - Fairchild Semiconductor HUF76113DK8 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76113DK8 Rev. B1
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
1000
600
0
0
5
10
15
20
25
800
VDS, DRAIN TO SOURCE VOLTAGE (V)
400
CISS
COSS
CRSS
30
200
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS = CDS + CGD
0
2
4
6
8
10
0
5
10
15
20
VDD = 15V
Qg, GATE CHARGE (nC)
ID = 6A
ID = 1.8A
WAVEFORMS IN
DESCENDING ORDER:
30
20
30
40
50
0
120
90
60
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
td(ON)
tr
tf
VGS = 4.5V, VDD = 15V, ID = 1.7A, RL= 8.8Ω
60
20
30
40
50
0
150
120
90
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
td(ON)
tr
tf
VGS = 10V, VDD = 15V, ID = 6A, RL= 2.5Ω
30
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
HUF76113DK8


Similar Part No. - HUF76113DK8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76113DK8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76113T3ST INTERSIL-HUF76113T3ST Datasheet
175Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com