Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SS103MBKCA Datasheet(PDF) 1 Page - AVX Corporation

Part # 5SS103MBKCA
Description  Disc Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5SS103MBKCA Datasheet(HTML) 1 Page - AVX Corporation

  5SS103MBKCA Datasheet HTML 1Page - AVX Corporation 5SS103MBKCA Datasheet HTML 2Page - AVX Corporation 5SS103MBKCA Datasheet HTML 3Page - AVX Corporation 5SS103MBKCA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11
Disc Ceramic Capacitors
General Specifications - Class II General Purpose
DIELECTRIC - CLASS II
These ceramic capacitors have a high dielectric constant,
what makes possible high capacitance values in
reduced dimensions, however temperature coefficient and
loss factor are greater than Class I.
Typical applications are decoupling and by pass.
Meets IEC 384-9 (1988).
Voltage Rating
100V ... 500V
1kV ... 5kV
Measured at
1.0 kHz @ 0.3 Vrms / 25ºC
1.0 kHz @ 0.3 Vrms / 25ºC
Dissipation Factor (%)
Y5E / Y5F / Y5P ≤ 2.5%
Y5F ≤ 2.5%
Y5U / Y5V / Z5V ≤ 3.0%
Y5U / Y5V ≤ 3.0%
Tolerance
C
R < 10 pF → ±0.25 pF, ±0.5 pF
C
R < 10 pF → ±0.25 pF, ±0.5 pF
C
R ≥ 10 pF → ±5%, ±10%
C
R ≥ 10 pF → ±5%, ±10%
Insulation
Resistance (IR)
@ V
R → ≥ 10 GΩ
@ 500V
→ ≥ 10 GΩ
Dielectric Strength
NOTE: Charging
@ V
R = 100V → Vt = 250V (DC)
1.5 x
V
R
+ 500 (DC)
current limited
@ V
R = 500V → Vt = 1250V (DC)
to 50 mA
dV/dt test
up to 3.0 kV/µsec for 5NR; 5NS Series
Operating
-30 ... +85ºC Phenolic Coated
Temperature
-30... +85ºC
-30 ... +125ºC Epoxy Coated
Range (ºC)
Climatic
30 / 085 / 21 Phenolic Coated
30 / 85 / 21 Phenolic Coated
Category
30 / 85 / 56 Epoxy Coated
100V / 500V PERFORMANCE CHARACTERISTICS CLASS II
5M
Product Code
K
Voltage
101
Capacitance
K
Tolerance
A
Lead
Forming
B
Capacitor
Diameter
A
Finishing
A
Packaging
HOW TO ORDER
Note: Damp Heat Steady State: 90... 95% R.H. 40ºC / 21 days. No voltage to be applied.


Similar Part No. - 5SS103MBKCA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
   Disc Ceramic Capacitors General Specifications - Class II General Purpose
More results

Similar Description - 5SS103MBKCA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com