Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76107D3 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HUF76107D3
Description  20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76107D3 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HUF76107D3 Datasheet HTML 1Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 2Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 3Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 4Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 5Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 6Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 7Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 8Page - Fairchild Semiconductor HUF76107D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76107D3, HUF76107D3S Rev. B1
HUF76107D3, HUF76107D3S
20A, 30V, 0.052 Ohm, N-Channel, Logic
Level UltraFET Power MOSFETs
These N-Channel power
MOSFETs are manufactured using
the innovative UltraFET™ process.
This advanced process technology
achieves the lowest possible on-resistance per silicon area,
resulting in outstanding performance. This device is
capable of withstanding high energy in the avalanche mode
and the diode exhibits very low reverse recovery time and
stored charge. It was designed for use in applications
where power efficiency is important, such as switching
regulators, switching converters, motor drivers, relay
drivers, low voltage bus switches, and power management
in portable and battery operated products.
Formerly developmental type TA76107.
Features
• Logic Level Gate Drive
• 20A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.052Ω
• Temperature Compensating PSPICE® Model
• Temperature Compensating SABER© Model
• Thermal Impedance SPICE Model
• Thermal Impedance SABER Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUF76107D3
TO-251AA
76107D
HUF76107D3S
TO-252AA
76107D
NOTE: When ordering, use the entire part number. Add the suffix T to
obtain the TO-252AA variant in tape and reel, e.g., HUF76107D3ST.
D
G
S
JEDEC TO-251AA
JEDEC TO-252AA
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
GATE
SOURCE
Data Sheet
January 2003


Similar Part No. - HUF76107D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76107D3 INTERSIL-HUF76107D3 Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3S INTERSIL-HUF76107D3S Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76107D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76107P3 INTERSIL-HUF76107P3 Datasheet
369Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 INTERSIL-HUF76107D3 Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76107P3 FAIRCHILD-HUF76107P3 Datasheet
282Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com