Electronic Components Datasheet Search |
|
GC318BR75C0JR50D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
GC318BR75C0JR50D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page o Part Numbering (Part Number) w qProduct ID wSeries Chip Monolithic Ceramic Capacitors GC J M 3 Soft Termination Type Power-train, Safety Equipment Power-train, Safety Equipment Large Capacitance and High Allowable Ripple Current Power-train, Safety Equipment Product ID Code Series GC q M e 18 r 8 t R7 y 1H u 102 i K o A37 eDimension (LgW) !0 D Code 0.6g0.3mm 1.0g0.5mm 1.6g0.8mm 2.0g1.25mm 3.2g1.6mm 3.2g2.5mm 4.5g3.2mm 5.7g5.0mm Dimension (LgW) 0201 0402 0603 0805 1206 1210 1812 2220 EIA 03 15 18 21 31 32 43 55 B C D E M N Q R X 1.25mm 1.6mm 2.0mm 2.5mm 1.15mm 1.35mm 1.5mm 1.8mm Depends on individual standards. A 1.0mm rDimension (T) Code 3 5 6 8 9 0.3mm 0.5mm 0.6mm 0.8mm 0.85mm Dimension (T) Continued on the following page. uCapacitance Expressed by three-digit alphanumerics. The unit is pico-farad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. If there is a decimal point, it is expressed by the capital letter " R." In this case, all figures are significant digits. R50 1R0 100 103 Ex.) 0.5pF 1.0pF 10pF 10000pF Code Capacitance yRated Voltage 0J 1A 1C 1E YA 1H 2A 2E 2W 2J 3A DC6.3V DC10V DC16V DC25V DC35V DC50V DC100V DC250V DC450V DC630V DC1kV Code Rated Voltage –55 to 125 °C ±22% X7S C7 –55 to 125 °C tTemperature Characteristics Code Temperature Characteristic Codes Temperature Characteristics 25 to 125 °C 25 °C Temperature Range Reference Temperature 0 ±30ppm/°C Capacitance Change or Temperature Coefficient C0G EIA 25 °C EIA –55 to 125 °C +22, –33% X7T D7 –55 to 125 °C 25 °C EIA –55 to 125 °C ±15% X7R R7 –55 to 125 °C 25 °C EIA 25 to 125 °C –750 ±120ppm/°C U2J 7U –55 to 125 °C 25 °C EIA Public STD Code 5C –55 to 125 °C Operating Temperature Range Murata Code Capacitance Change from 25 °C (%) –55 °C –30 °C –10 °C Max. Min. Max. Min. Max. Min. 5C 0.58 –0.24 0.40 –0.17 0.25 –0.11 7U 8.78 5.04 6.04 3.47 3.84 2.21 oCapacitance Change from each temperature |
Similar Part No. - GC318BR75C0JR50D |
|
Similar Description - GC318BR75C0JR50D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |