Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC2-HL-DC6V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HC2-HL-DC6V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC2-HL-DC6V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HC2-HL-DC6V-F Datasheet HTML 1Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 2Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 3Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 4Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 5Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 6Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 7Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 8Page - Panasonic Semiconductor HC2-HL-DC6V-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HC
LINEUP
A: Available
Notes: 1. HC relays with ground terminals also available.
2. HC relays with 0.9 mm wide PC board terminals also available.
HC RELAY CONTACT ARRANGEMENT
LED INDICATION TYPE
Type
Contact arrangement
Plug-in terminal type
PC board terminal type
Top mounting type
(TM type)
Remarks
Without LED
With LED
Without LED
With LED
HC relay
Standard type
Single side stable
1 Form C
AAAA
A
2 Form C
AAAA
A
3 Form C
AAAA
A
4 Form C
AAAA
A
Bifurcated (Twin)
4 Form C
AAAA
A
HC relay
Amber sealed
type
Single side stable
1 Form C
AAAA
A
2 Form C
AAAA
A
4 Form C
AAAA
A
Bifurcated (Twin)
4 Form C
AAAA
A
HC keep
(latching) relay
Single side stable
2 Form C
A
(With operating
indication)
A
(With operating
indication)
——
DC type with
surge absorbing
diode
Single side stable
1 Form C
A
A
Amber sealed type
also available
2 Form C
A
A
3 Form C
A
A
4 Form C
A
A
Bifurcated (Twin)
4 Form C
A
A
AC type with
surge absorbing
CR circuit
Single side stable
1 Form C
A
A
17 mm higher than
standard type
2 Form C
A
A
3 Form C
A
A
4 Form C
A
A
Bifurcated (Twin)
4 Form C
A
A
Type
Single side stable contact
4-pole bifurcated (twin) contact
Part number
HC
HC4D
Features
Suitable for high-capacity load switching
Standard type HC relays have high single-contact capacity;
1 Form C: 10 A
2 Form C and 3 Form C: 7 A
4 Form C: 5 A
Bifurcated (twin) contact ensures high contact reliability
Suitable for low level loads
Minimum switching capability: 100
µA 100m V DC (reference value)
Type
With LED indication type
Part number
HC -HL
Features
LED lights up when relay is operating
Inspection and detection of trouble is easy.
LEDs are green for DC types and red for
AC types.
All types are available with LED indication.
1234
5678
910
11
12
13
–+14
LED
• LED colors indicate the type of relay:
red for AC type and green for DC type.
Protection diode
(Bottom view)
ASCTB4E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HC2-HL-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
More results

Similar Description - HC2-HL-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com