Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VS-18024BP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8VS-18024BP
Description  Switch Mode Power Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-18024BP Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8VS-18024BP Datasheet HTML 1Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 2Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 3Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 4Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 5Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 6Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 7Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 8Page - Omron Electronics LLC S8VS-18024BP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
New Product
Switch Mode Power Supply
S8VS (15/30/60/90/120/180/240/480-W Models)
60/90/120/180/240/480-W Models
New Models with Indication
Monitor and Simple Functions
for Easy System
Commissioning
• New 90-W models with indication monitor that
conform to UL Class 2 Output standards.
• New models with screwless terminal blocks
and indication monitor.
• Status displayed on 3-digit, 7-segment display.
• Safety standards:
UL 508/60950-1,
CSA C22.2 No. 107.1/60950-1
EN 50178 (= VDE 0160)
EN 60950-1 (= VDE 0805 Teil 1)
• Input conditions: DC input is also possible from 80 to 370 VDC
(Not compliant with EC Directives and other safety standards.)
15/30-W Models
Compact, Thin Power Supplies
That Mount Just About Anywhere
to Contribute to Control Panel
Downsizing
• Compact and thin: 22.5
× 85 × 96.5 mm (W × H × D).
• Three mounting directions
(standard, horizontal, facing horizontal).
• Mounting directly to the panel is possible.
• Safety standards:
UL 508/60950-1,
CSA C22.2 No.107.1/60950-1,
EN 50178 (= VDE 0160),
EN 60950-1 (= VDE 0805 Teil 1)
• Input conditions: DC input is also possible from 80 to 370 VDC
(Not compliant with EC Directives and other safety standards.)
Features Common to All Models
• Mount to DIN Rail.
• Complies with SEMI F47-0706 (200-VAC input).
• RoHS-compliant.
!
Refer to Safety Precautions for All Power Supplies and Safety
Precautions on page 32.


Similar Part No. - S8VS-18024BP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-18024BE OMRON-S8VS-18024BE Datasheet
1Mb / 6P
   Greater Simplicity for Power Supply Visualization
More results

Similar Description - S8VS-18024BP

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com