Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2008B-xFPG3Y Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U2008B-xFPG3Y
Description  Low-cost Phase-control IC with Soft Start
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2008B-xFPG3Y Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U2008B-xFPG3Y Datasheet HTML 4Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 5Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 6Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 7Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 8Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 9Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 10Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 11Page - ATMEL Corporation U2008B-xFPG3Y Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
4712B–AUTO–10/05
U2008B
Figure 5-2.
Pulse Output
Figure 5-3.
Output Pulse Width
Figure 5-4.
Option Soft Start
0
200
400
600
800
0
20
40
60
80
120
R
GT (Ω)
1000
100
V
GT = -1.2 V
0
100
200
300
400
010
20
30
Cϕ (nF)
∆t
p/∆C
ϕ = 9 µs/nF
01
2
3
4
-5
-4
-3
-2
-1
1
t ( s )
5
0
4.7
µF
10
µF
C
5 = 1 µF
Supply
R
1 = 22 kΩ/2 W
C
1 = 100 µF/25 V


Similar Part No. - U2008B-xFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B-XFPG3Y ATMEL-U2008B-XFPG3Y Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
More results

Similar Description - U2008B-xFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
   Soft-Start Control
logo
International Rectifier
IR1110 IRF-IR1110 Datasheet
227Kb / 32P
   SOFT START CONTROLLER IC
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
IC MICROSYSTEMS
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com