Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VS-09024BP Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # S8VS-09024BP
Description  Switch Mode Power Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-09024BP Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button S8VS-09024BP Datasheet HTML 3Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 4Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 5Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 6Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 7Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 8Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 9Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 10Page - Omron Electronics LLC S8VS-09024BP Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
S8VS
7
Note: Refer to page 5 for notes 1 to 11.
Power ratings
240 W
480 W
Item
Type
Standard
Maintenance
forecast monitor
Total run time
monitor
Standard
Maintenance
forecast monitor
Total run time
monitor
Efficiency
With 100-VAC input
85% typical
85% typical
With 200-VAC input
88% typical
89% typical
Input
Voltage
*1
100 to 240 VAC (allowable range: 85 to 264 VAC or 80 to 370 VDC
*11)
100 to 240 VAC (allowable range: 85 to 264 VAC)
Frequency
*1
50/60 Hz (47 to 63 Hz)
Current
With 100-VAC input
3.8 A max., 2.9 A typical
7.4 A max., 5.8 A typical
With 200-VAC input
2.0 A max., 1.5 A typical
3.9 A max., 2.8 A typical
Power factor
0.9 min.
0.95 min.
Harmonic current regulation
Conforms to EN61000-3-2
Leakage current
With 100-VAC input
0.5 mA max.
With 200-VAC input
1.0 mA max.
Inrush current
*2
With 100-VAC input
17.5 A max., 14 A typical
With 200-VAC input
35 A max., 28 A typical
Output
Voltage adjustment range
*3
−10% to 15% (with V.ADJ)
−10% to 15% (with V.ADJ)
Ripple noise voltage (at rated I/O)
140 mV max.
160 mV max.
310 mV max.
Input variation influence
0.5% max. (at 85- to 264-VAC input, 100% load)
Load variation influence
(rated input voltage)
1.5% max. (with rated input, 0 to 100% load)
Temperature variation influence
0.05%/
°C max.
Startup time
(at rated I/O)
*2
With 100-VAC input
540 ms typical
510 ms typical
460 ms typical
With 200-VAC input
230 ms typical
510 ms typical
340 ms typical
Output hold time
(at rated I/O)
*2
With 100-VAC input
64 ms typical
46 ms typical
37 ms typical
With 200-VAC input
64 ms typical
46 ms typical
41 ms typical
Additional
functions
Overload protection
*2
105% to 160% of rated load current, inverted L voltage drop, automatic reset
Overvoltage protection
*2, *4
Yes
Output voltage indication
*5
No
Yes (selectable)
*6
No
Yes (selectable)
*6
Output current indication
*5
No
Yes (selectable)
*7
No
Yes (selectable)
*7
Peak-hold current indication
*5
No
Yes (selectable)
*8
No
Yes (selectable)
*8
Maintenance forecast monitor indication
*5
No
Yes (selectable)
No
Yes (selectable)
No
Maintenance forecast monitor output
No
Yes (transistor output),
30 VDC max., 50 mA
max.
*9
No
Yes (transistor
output), 30 VDC
max., 50 mA max.
No
Total run time monitor indication
*5
No
Yes (selectable)
No
Yes (selectable)
Total run time monitor output
*5
No
Yes (transistor output),
30 VDC max., 50 mA
max.
*9
No
Yes (transistor output),
30 VDC max., 50 mA
max.
*9
Undervoltage alarm indication
*5
No
Yes (selectable)
No
Yes (selectable)
Undervoltage alarm output terminals
No
Yes (transistor output), 30 VDC max.,
50 mA max.
*9
No
Yes (transistor output), 30 VDC max.,
50 mA max.
*9
Parallel operation
No
Series operation
Yes for up to 2 Power Supplies (with external diode)
Other
Operating ambient temperature
Refer to the derating curve in . (with no icing or condensation)
Storage temperature
−25 to 65°C
Operating ambient humidity
25% to 85% (Storage humidity: 25% to 90%)
Dielectric strength
3.0 kVAC for 1 min. (between all inputs and outputs/alarm outputs; detection current: 20 mA)
2.0 kVAC for 1 min. (between all inputs and PE terminals; detection current: 20 mA)
1.0 kVAC for 1 min. (between all outputs/ alarm outputs and PE terminals; detection current for standard 240-W and 480-W
models: 30 mA, detection current for 240-W models with indication monitor: 20 mA)
500 VAC for 1 min. (between all outputs and alarm outputs; detection current: 20 mA)
Insulation resistance
100 M
Ω min. (between all outputs/ alarm outputs and all inputs/ PE terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
10 to 150 Hz, 0.35-mm single amplitude (5 G max.) for 80 min each in X, Y, and Z directions: 240 W
10 to 150 Hz, 0.35-mm single amplitude (3 G max.) for 80 min each in X, Y, and Z directions: 480 W
Shock resistance
150 m/s2, 3 times each in ±X, ±Y, and ±Z directions
Output indicator
Yes (color: green)
EMI
Conducted
Emissions
Models with indication monitor: Conforms to EN61204-3
EN55011 Class A and based on FCC Class A, Conforms to
EN61204-3 EN55011 Class B
*11
Standard models: Conforms to EN61204-3 EN55011 Group 1
Class B and based on FCC Class A
Conforms to EN61204-3 EN55011 Class A and based on FCC
Class A
Conforms to EN61204-3 EN55011 Class B
*11
Radiated Emissions
Models with indication monitor: Conforms to EN61204-3
EN55011 Class A, Conforms to EN61204-3 EN55011 Class B
*11
Standard models: Conforms to EN61204-3 EN55011 Group 1
Class B
Conforms to EN61204-3 EN55011 Class A
Conforms to EN61204-3 EN55011 Class B
*11
EMS
Conforms to EN61204-3 high severity levels
Approved standards
*11
UL Listed: UL 508 (Listing),
UL UR: UL 60950-1 (Recognition),
cUL: CSA C22.2 No.107.1,
cUR: CSA C22.2 No. 60950-1,
EN/VDE: EN 50178 (=VDE 0160), EN 60950-1 (=VDE 0805 Teil 1)
KOSHA S Mark
*10
SEMI
*11
F47-0706 (200-VAC input)
Weight
1,150 g max.
1,700 g max.


Similar Part No. - S8VS-09024BP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-09024B OMRON-S8VS-09024B Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-09024BE OMRON-S8VS-09024BE Datasheet
1Mb / 6P
   Greater Simplicity for Power Supply Visualization
More results

Similar Description - S8VS-09024BP

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com