Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1-HL-AC100V-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # HC1-HL-AC100V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC1-HL-AC100V-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  HC1-HL-AC100V-F Datasheet HTML 1Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 2Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 3Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 4Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 5Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 6Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 7Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 8Page - Panasonic Semiconductor HC1-HL-AC100V-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HC
3) PC board type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Note: Please add “-31” before “-F” in the part number when ordering the PC board type 0.9 mm width terminal (ex) HC1-HP-AC6V-31-F.
4) PC board type (with LED indication)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Note: Please add “-31” before “-F” in the part number when ordering the PC board type 0.9 mm width terminal (ex) HC1-HPL-AC6V-31-F.
5) TM type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V AC
HC1-HP-AC6V-F
HC2-HP-AC6V-F
HC3-HP-AC6V-F
HC4-HP-AC6V
HC4D-HP-AC6V
12V AC
HC1-HP-AC12V-F
HC2-HP-AC12V-F
HC3-HP-AC12V-F
HC4-HP-AC12V
HC4D-HP-AC12V
24V AC
HC1-HP-AC24V-F
HC2-HP-AC24V-F
HC3-HP-AC24V-F
HC4-HP-AC24V
HC4D-HP-AC24V
48V AC
HC1-HP-AC48V-F
HC2-HP-AC48V-F
HC3-HP-AC48V-F
HC4-HP-AC48V
HC4D-HP-AC48V
100/110V AC
HC1-HP-AC100V-F
HC2-HP-AC100V-F
HC3-HP-AC100V-F
HC4-HP-AC100V
HC4D-HP-AC100V
110/120V AC
HC1-HP-AC120V-F
HC2-HP-AC120V-F
HC3-HP-AC120V-F
HC4-HP-AC120V
HC4D-HP-AC120V
200/220V AC
HC1-HP-AC200V-F
HC2-HP-AC200V-F
HC3-HP-AC200V-F
HC4-HP-AC200V
HC4D-HP-AC200V
220/240V AC
HC1-HP-AC240V-F
HC2-HP-AC240V-F
HC3-HP-AC240V-F
HC4-HP-AC240V
HC4D-HP-AC240V
6V DC
HC1-HP-DC6V-F
HC2-HP-DC6V-F
HC3-HP-DC6V-F
HC4-HP-DC6V
HC4D-HP-DC6V
12V DC
HC1-HP-DC12V-F
HC2-HP-DC12V-F
HC3-HP-DC12V-F
HC4-HP-DC12V
HC4D-HP-DC12V
24V DC
HC1-HP-DC24V-F
HC2-HP-DC24V-F
HC3-HP-DC24V-F
HC4-HP-DC24V
HC4D-HP-DC24V
48V DC
HC1-HP-DC48V-F
HC2-HP-DC48V-F
HC3-HP-DC48V-F
HC4-HP-DC48V
HC4D-HP-DC48V
100/110V DC
HC1-HP-DC100V-F
HC2-HP-DC100V-F
HC3-HP-DC100V-F
HC4-HP-DC100V
HC4D-HP-DC100V
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V AC
HC1-HPL-AC6V-F
HC2-HPL-AC6V-F
HC3-HPL-AC6V-F
HC4-HPL-AC6V
HC4D-HPL-AC6V
12V AC
HC1-HPL-AC12V-F
HC2-HPL-AC12V-F
HC3-HPL-AC12V-F
HC4-HPL-AC12V
HC4D-HPL-AC12V
24V AC
HC1-HPL-AC24V-F
HC2-HPL-AC24V-F
HC3-HPL-AC24V-F
HC4-HPL-AC24V
HC4D-HPL-AC24V
100/110V AC
HC1-HPL-AC100V-F
HC2-HPL-AC100V-F
HC3-HPL-AC100V-F
HC4-HPL-AC100V
HC4D-HPL-AC100V
110/120V AC
HC1-HPL-AC120V-F
HC2-HPL-AC120V-F
HC3-HPL-AC120V-F
HC4-HPL-AC120V
HC4D-HPL-AC120V
200/220V AC
HC1-HPL-AC200V-F
HC2-HPL-AC200V-F
HC3-HPL-AC200V-F
HC4-HPL-AC200V
HC4D-HPL-AC200V
6V DC
HC1-HPL-DC6V-F
HC2-HPL-DC6V-F
HC3-HPL-DC6V-F
HC4-HPL-DC6V
HC4D-HPL-DC6V
12V DC
HC1-HPL-DC12V-F
HC2-HPL-DC12V-F
HC3-HPL-DC12V-F
HC4-HPL-DC12V
HC4D-HPL-DC12V
24V DC
HC1-HPL-DC24V-F
HC2-HPL-DC24V-F
HC3-HPL-DC24V-F
HC4-HPL-DC24V
HC4D-HPL-DC24V
48V DC
HC1-HPL-DC48V-F
HC2-HPL-DC48V-F
HC3-HPL-DC48V-F
HC4-HPL-DC48V
HC4D-HPL-DC48V
100/110V DC
HC1-HPL-DC100V-F
HC2-HPL-DC100V-F
HC3-HPL-DC100V-F
HC4-HPL-DC100V
HC4D-HPL-DC100V
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V AC
HC1-HTM-AC6V-F
HC2-HTM-AC6V-F
HC3-HTM-AC6V-F
HC4-HTM-AC6V
HC4D-HTM-AC6V
12V AC
HC1-HTM-AC12V-F
HC2-HTM-AC12V-F
HC3-HTM-AC12V-F
HC4-HTM-AC12V
HC4D-HTM-AC12V
24V AC
HC1-HTM-AC24V-F
HC2-HTM-AC24V-F
HC3-HTM-AC24V-F
HC4-HTM-AC24V
HC4D-HTM-AC24V
48V AC
HC1-HTM-AC48V-F
HC2-HTM-AC48V-F
HC3-HTM-AC48V-F
HC4-HTM-AC48V
HC4D-HTM-AC48V
100/110V AC
HC1-HTM-AC100V-F
HC2-HTM-AC100V-F
HC3-HTM-AC100V-F
HC4-HTM-AC100V
HC4D-HTM-AC100V
110/120V AC
HC1-HTM-AC120V-F
HC2-HTM-AC120V-F
HC3-HTM-AC120V-F
HC4-HTM-AC120V
HC4D-HTM-AC120V
200/220V AC
HC1-HTM-AC200V-F
HC2-HTM-AC200V-F
HC3-HTM-AC200V-F
HC4-HTM-AC200V
HC4D-HTM-AC200V
6V DC
HC1-HTM-DC6V-F
HC2-HTM-DC6V-F
HC3-HTM-DC6V-F
HC4-HTM-DC6V
HC4D-HTM-DC6V
12V DC
HC1-HTM-DC12V-F
HC2-HTM-DC12V-F
HC3-HTM-DC12V-F
HC4-HTM-DC12V
HC4D-HTM-DC12V
24V DC
HC1-HTM-DC24V-F
HC2-HTM-DC24V-F
HC3-HTM-DC24V-F
HC4-HTM-DC24V
HC4D-HTM-DC24V
48V DC
HC1-HTM-DC48V-F
HC2-HTM-DC48V-F
HC3-HTM-DC48V-F
HC4-HTM-DC48V
HC4D-HTM-DC48V
100/110V DC
HC1-HTM-DC100V-F
HC2-HTM-DC100V-F
HC3-HTM-DC100V-F
HC4-HTM-DC100V
HC4D-HTM-DC100V
ASCTB4E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HC1-HL-AC100V-F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HC1-100-R COOPER-HC1-100-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R0-R COOPER-HC1-1R0-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R7-R COOPER-HC1-1R7-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-2R3-R COOPER-HC1-2R3-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-3R6-R COOPER-HC1-3R6-R Datasheet
317Kb / 3P
   High Current Inductor
More results

Similar Description - HC1-HL-AC100V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com