Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3329M-DK9-103ALF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3329M-DK9-103ALF
Description  3329 - 1/4 ??Round Trimpot짰 Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3329M-DK9-103ALF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3329M-DK9-103ALF Datasheet HTML 1Page - Bourns Electronic Solutions 3329M-DK9-103ALF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.57
(.180)
45° REF.
90° ± 5°
31
2
.46 ± .05
(.018 ± .002)
6.35 ± .51
(.250 ± .020)
6.78 ± 2.24
(.267 ± .088)
3329H
13
2
3329P
5.82 ± .25
(.229 ± .010)
13
2
3329S
6.10
(.240)
.89
(.035)
6.60
(.260)
.38
(.015)
7.75 ± 2.97
(.305 ± .117)
8.38 ± .51
(.330 ± .020)
5.08
(.200)
31
2
3329W
13
2
3329X
3329P-DK9-RC
6.35 ± .51
(.250 ± .020)
5.79
(.228)
4.75
(.187)
.46 ± .05
(.018 ± .002)
.43 ± .13
(.017 ± .005)
2.54
(.100)
1
2
3
ADJ. SLOT
2.79 ± .038
(.110 ± ..001)
.64
(.025)
.51
(.020)
2.54
(.100)
2.54
(.100)
WIDE
X
X
DEEP
DIA.
MIN.
DIA. 3 PINS
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
6.10
(.240)
6.10
(.240)
5.08
(.200)
5.08
(.200)
6.60
(.260)
6.60
(.260)
.89
(.035)
.89
(.035)
2.54
(.100)
.38
(.015)
DIA. TYP.
6.78 ± 2.24
(.267 ± .088)
6.35 ± .51
(.250 ± .020)
7.75 ± 2.97
(.305 ± .117)
7.75 ± 2.97
(.305 ± .117)
8.38 ± .51
(.330 ± .020)
8.38 ± .51
(.330 ± .020)
.38
(.015)
.38
(.015)
ADJ. SLOT
3.56
(.140)
.64
(.025)
1.02
(.040)
WIDE
X
X
DEEP
LONG
Features
1/4” Round / Single-Turn / Cermet
Industrial / Sealed
5 standard terminal styles
Tape and reel packaging available
■ Listed on the QPL for style RJ50 per
MIL-PRF-22097 and RJR50 per
High-Rel MIL-PRF-39035
RoHS compliant* version available
For trimmer applications/processing
guidelines, click here
3329 - 1/4 ” Round Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
................................. 10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(closer tolerance available)
Absolute Minimum Resistance
.................................... 1 % or 2 ohms
(whichever is greater)
Contact Resistance Variation
........................ 3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage .................................. ±0.05 %
Resistance ............................ ±0.15 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 600 vac
80,000 Feet ............................ 250 vac
Adjustment Angle ................. 240 ° nom.
Environmental Characteristics
Power Rating @ 85 °C (300 volts max.)
............................................... 0.5 watt
Power Rating @ 150 °C ................ 0 watt
Temperature Range ... -55 °C to +150 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 106
96 hours
(3 %
ΔTR, 10 Megohms IR)
Vibration ....... 30 G (1 %
ΔTR; 1 % ΔVR)
except “P” pin style
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life
............ 1,000 hours 0.5 watt @ 85 °C
(3 %
ΔTR; 3 % CRV)
Rotational Life .......................200 cycles
(4 %
ΔTR; 4 % CRV)
Physical Characteristics
Mechanical Angle ................. 260 ° nom.
Torque............................. 5.0 oz-in. max.
Stop Strength ................. 5.0 oz -in. min.
Terminals ....................... Solderable pins
Weight ....................................... 0.02 oz.
Marking.........Manufacturer’s trademark,
resistance code, date code,
manufacturer’s model number
and style
Wiper ............... 50 % (Actual TR) ±10 %
Standard Packaging .....50 pcs. per tube
Adjustment Tool.............................. H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3329 M - 1 - 103 __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
-DK9 = Plastic Spacer
Resistance Code
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel (M and U Pin Styles
Only)
A = Ammo Pack (M and U Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 3329M-DK9-103ALF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329M-DK9-103ALF BOURNS-3329M-DK9-103ALF Datasheet
144Kb / 2P
   1/4 Round Trimming Potentiometer
3329M-DK9-103ALF BOURNS-3329M-DK9-103ALF Datasheet
159Kb / 2P
   3329 - 1/4 ??Round Trimming Potentiometer
More results

Similar Description - 3329M-DK9-103ALF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329 BOURNS-3329_07 Datasheet
159Kb / 2P
   3329 - 1/4 ??Round Trimming Potentiometer
3329H-1-204LF BOURNS-3329H-1-204LF Datasheet
118Kb / 2P
   3329 - 1/4 Round Trimming Potentiometer
3329S-1-502 BOURNS-3329S-1-502 Datasheet
176Kb / 2P
   3329 - 1/4 Round Trimpot Trimming Potentiometer
3262 BOURNS-3262 Datasheet
127Kb / 1P
   1/4 Trimpot짰 Trimming Potentiometer
3262W-1-103LF BOURNS-3262W-1-103LF Datasheet
127Kb / 1P
   3262 - 1/4 Trimpot짰 Trimming Potentiometer
RJR26FW503R BOURNS-RJR26FW503R Datasheet
229Kb / 2P
   RJ26/RJR26 - 1/4 ??Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362W-1-201LF BOURNS-3362W-1-201LF Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3339 BOURNS-3339_11 Datasheet
138Kb / 1P
   5/16 ??Round Trimpot짰 Trimming Potentiometer
3266W-1-103LF BOURNS-3266W-1-103LF_1 Datasheet
126Kb / 2P
   3266 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com