Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3329M-DK9-103LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3329M-DK9-103LF
Description  3329 - 1/4 ??Round Trimpot짰 Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3329M-DK9-103LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3329M-DK9-103LF Datasheet HTML 1Page - Bourns Electronic Solutions 3329M-DK9-103LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3329 - 1/4 ” Round Trimpot® Trimming Potentiometer
Packaging Specifications
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Popular distribution resistance values listed in
boldface. Special resistances available.
SIDE ADJUST
3329M-1
12.70
(.500)
12.70 + 0.3/ - 0.25
(.500 + .012/ - .010)
8.38 ± .51
(.33 ± .02)
18 + 1.0/ - 0.5
(.709 + .039/ .020)
26.4 ± .76
(1.040 ± .030)
4.0 ± 0.3
(.157 ± .012)
1
2
3
6.1 ± .25
(.240 ± .010)
3.43 ± .25
(.135 ± .010)
.457 ± .051
(.018 ± .002)
REF.
DIA.
18.034 ± 0.762
(.71 ± .03)
DIA. TYP.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
18 ± .76
(.709 ± .030)
TOP ADJUST
3329U-1
4.0 ± 0.3
(.157 ± .012)
1
2
3
6.35 ± .5
(.250 ± .020)
2.79 ± .25
(.110 ± .010)
24.38 ± 0.76
(.960 ± .030)
6.35
(.250)
18 + 1.0/ - 0.5
(.709 + .039/ .020)
12.70 + 0.3/ - 0.25
(.500 + .012/ - .010)
12.70
(.500)
REF.
MAX.
DIA.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Meets EIA Specification 468.
REV. 08/10


Similar Part No. - 3329M-DK9-103LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329M-DK9-103LF BOURNS-3329M-DK9-103LF Datasheet
144Kb / 2P
   1/4 Round Trimming Potentiometer
3329M-DK9-103LF BOURNS-3329M-DK9-103LF Datasheet
159Kb / 2P
   3329 - 1/4 ??Round Trimming Potentiometer
More results

Similar Description - 3329M-DK9-103LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329 BOURNS-3329_07 Datasheet
159Kb / 2P
   3329 - 1/4 ??Round Trimming Potentiometer
3329H-1-204LF BOURNS-3329H-1-204LF Datasheet
118Kb / 2P
   3329 - 1/4 Round Trimming Potentiometer
3329S-1-502 BOURNS-3329S-1-502 Datasheet
176Kb / 2P
   3329 - 1/4 Round Trimpot Trimming Potentiometer
3262 BOURNS-3262 Datasheet
127Kb / 1P
   1/4 Trimpot짰 Trimming Potentiometer
3262W-1-103LF BOURNS-3262W-1-103LF Datasheet
127Kb / 1P
   3262 - 1/4 Trimpot짰 Trimming Potentiometer
RJR26FW503R BOURNS-RJR26FW503R Datasheet
229Kb / 2P
   RJ26/RJR26 - 1/4 ??Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362W-1-201LF BOURNS-3362W-1-201LF Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3339 BOURNS-3339_11 Datasheet
138Kb / 1P
   5/16 ??Round Trimpot짰 Trimming Potentiometer
3266W-1-103LF BOURNS-3266W-1-103LF_1 Datasheet
126Kb / 2P
   3266 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com