Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP4-L-DC12V-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # HP4-L-DC12V-F
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP4-L-DC12V-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  HP4-L-DC12V-F Datasheet HTML 1Page - Panasonic Semiconductor HP4-L-DC12V-F Datasheet HTML 2Page - Panasonic Semiconductor HP4-L-DC12V-F Datasheet HTML 3Page - Panasonic Semiconductor HP4-L-DC12V-F Datasheet HTML 4Page - Panasonic Semiconductor HP4-L-DC12V-F Datasheet HTML 5Page - Panasonic Semiconductor HP4-L-DC12V-F Datasheet HTML 6Page - Panasonic Semiconductor HP4-L-DC12V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HP
RATING
1. Coil data
1) AC coils
2) DC coils (20
°C 68°F)
Notes: 1. The nominal current area is
±15% (60Hz) [AC coils],. ±10% (20°C) [DC coils]
2. The coil resistance for DC operation is the value measured when the coil temperature is 20
°C 68°F. Compensate ±0.4% for every ±1°C change in temperature.
3. The relay operates in a range of 80% to 110% V of the nominal coil voltage, but ideally, in consideration of temporary voltage fluctuations, it should be operated at
the nominal coil voltage. In particular, for AC operation, if the impressed voltage drops to 80% V or more below the nominal coil voltage, humming will occur and a
large current will flow leading possibly to coil burnout.
4. For use with 200 V DC, connect a 6.7k
Ω (10W) resistor, in series, to the 100 V DC relay [3 Form C type is .6.4kΩ (5W); 4 Form C type is .6.2kΩ (10W)].
5. As a general rule, only a pure DC voltage should be used for the coil drive. However, a DC power supply that contains ripples has characteristics that differ from
pure DC. Therefore, please verify characteristics (operate voltage, release voltage, humming) using the actual circuit that will be used.
Contact
arrangement
Nominal coil
voltage
Nominal operating
current (mA)
Nominal operating
power (VA)
Inductance
(H)
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Max. applied
voltage
(at 20
°C 68°F)
50Hz
60Hz
50Hz
60Hz
50Hz
60Hz
2 Form C
24V AC
94mA
78mA
2.25VA
1.9VA
0.753
0.776
80%V or less of
nominal voltage
(Initial)
30%V or more of
nominal voltage
(Initial)
110%V of
nominal voltage
48V AC
46.5mA
39mA
2.23VA
1.9VA
3.055
3.106
100V AC
25.3mA
21mA
2.36VA
2.1VA
12.60
12.03
115V AC
23.1mA
18mA
2.31VA
2.1VA
16.70
15.83
200V AC
12.4mA
11mA
2.48VA
2.2VA
48.03
45.81
220V AC
10.6mA
9.5mA
2.34VA
2.1VA
61.28
57.90
240V AC
10.0mA
9.0mA
2.40VA
2.2VA
69.00
66.26
3 Form C
24V AC
148.7mA
130mA
3.56VA
3.1VA
0.0494
0.475
80%V or less of
nominal voltage
(Initial)
30%V or more of
nominal voltage
(Initial)
110%V of
nominal voltage
48V AC
74.2mA
65mA
3.56VA
3.1VA
1.976
1.899
100V AC
36.4mA
32mA
3.64VA
3.2VA
8.500
8.038
115V AC
32.5mA
28.5mA
3.74VA
3.3VA
10.79
10.36
200V AC
18.2mA
16mA
3.65VA
3.2VA
33.53
32.10
220V AC
16.0mA
14.2mA
3.54VA
3.1VA
41.35
39.32
240V AC
15.8mA
13.9mA
3.79VA
3.3VA
45.94
44.05
4 Form C
24V AC
229mA
200mA
5.49VA
4.8VA
0.320
0.309
80%V or less of
nominal voltage
(Initial)
30%V or more of
nominal voltage
(Initial)
110%V of
nominal voltage
48V AC
108mA
95mA
5.18VA
4.6VA
1.348
1.292
100V AC
57.3mA
50mA
5.73VA
5.0VA
5.348
5.156
115V AC
47.6mA
42mA
5.47VA
4.8VA
7.264
6.953
200V AC
28.5mA
25mA
5.69VA
5.0VA
21.27
20.45
220V AC
23.8mA
21mA
5.24VA
4.6VA
27.75
26.57
240V AC
23.3mA
20.5mA
5.58VA
4.9VA
30.98
29.75
Contact
arrangement
Nominal coil
voltage
Nominal current
(mA)
Nominal operating
power (W)
Coil resistance
(
Ω)
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Max. applied
voltage
(at 20
°C 68°F)
2 Form C
12V DC
109mA
1.3W
110
80%V or less of
nominal voltage
(Initial)
15%V or more of
nominal voltage
(Initial)
110%V of
nominal voltage
24V DC
54.5mA
1.3W
440
48V DC
26.7mA
1.3W
1,800
100V DC
14.9mA
1.5W
6,700
110V DC
15.0mA
1.7W
7,300
3 Form C
12V DC
120mA
1.4W
100
80%V or less of
nominal voltage
(Initial)
15%V or more of
nominal voltage
(Initial)
110%V of
nominal voltage
24V DC
60mA
1.4W
400
48V DC
31mA
1.5W
1,560
100V DC
15.6mA
1.6W
6,400
110V DC
14.9mA
1.6W
7,450
4 Form C
12V DC
127mA
1.5W
95
80%V or less of
nominal voltage
(Initial)
15%V or more of
nominal voltage
(Initial)
110%V of
nominal voltage
24V DC
63mA
1.5W
380
48V DC
32.0mA
1.5W
1,500
100V DC
16.3mA
1.6W
5,950
110V DC
15.7mA
1.7W
7,000
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HP4-L-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP4-L-DC12V NAIS-HP4-L-DC12V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP4-L-DC12V PANASONIC-HP4-L-DC12V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP4-L-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com