Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP4-L-AC220V-F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # HP4-L-AC220V-F
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP4-L-AC220V-F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  HP4-L-AC220V-F Datasheet HTML 1Page - Panasonic Semiconductor HP4-L-AC220V-F Datasheet HTML 2Page - Panasonic Semiconductor HP4-L-AC220V-F Datasheet HTML 3Page - Panasonic Semiconductor HP4-L-AC220V-F Datasheet HTML 4Page - Panasonic Semiconductor HP4-L-AC220V-F Datasheet HTML 5Page - Panasonic Semiconductor HP4-L-AC220V-F Datasheet HTML 6Page - Panasonic Semiconductor HP4-L-AC220V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HP
4. Life of LED and neon lamp (with operation indication)
REFERENCE DATA
DIMENSIONS (mm inch)
Continuous
Use rating (ON time) 50%
With neon lamp
25,000 hours (approx. 3 years)
Approx. 6 years
With LED indication
50,000 hours (approx. 5.5 years)
100,000 hours (approx. 11 years)
(Coil terminal No.)
Schematic
LED
Protection diode
Schematic
With LED indication
LED
With neon lamp
Neon lamp
(Coil terminal No.)
Coil terminal No. and polarity (DC type)
Polarity
2 Form C
3 Form C
4 Form C
Terminal
No.
(+)
7
10
10
(–)
2
2
1
1. Life curve
2. Max. switching capacity
10
0
100
200
300
400
500
600
700
800
900
1,000
Load current, A
125 V AC
cosϕ = 1
5
0
V AC
cosϕ = 1
Mechanical life
more than 10,000,000
operations
100
500 1,000
10
10
1
0.1
DC inductive
load
(L/R=7ms)
AC inductive load
(cos
ϕ=0.4)
DC resistive
load
AC resistive load
Contact voltage, V
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e
7
.276
51
2.008
.197.315 .197
58
5
44
1.732
0.5
.020
25
15
.984
.591
.031
8
7
63
54
1
5.26
5.26 5.26
.207 .207
10
.394
9.5
.374
7.5
.295
36
1.417
5.8
.228
5.3
.209
5.26
.207
.207
2
.031
0.8
0.8
0.8
0.8
.031
.031
Compatible with tab terminal
#205 series receptacle.
Plug-in type (2 Form C)
External dimensions
Schematic (Bottom view)
8
7
6
5
1
2
3
4
CAD Data
Dimension:
Less than 2mm .079inch:
Min. 2mm .079inch less than 9mm .354inch:
Min. 9mm .354inch less than 20mm .787inch:
Min. 20mm .787inch:
Tolerance
±0.2 ±.008
±0.5 ±.020
±1 ±.039
±1.5 ±.059
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HP4-L-AC220V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP4-L-AC220V NAIS-HP4-L-AC220V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP4-L-AC220V PANASONIC-HP4-L-AC220V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP4-L-AC220V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com