Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9YAT-12S-45-D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G9YAT-12S-45-D
Description  High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YAT-12S-45-D Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G9YAT-12S-45-D Datasheet HTML 2Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 3Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 4Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 5Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 6Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 7Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 8Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 9Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
362
Coaxial Switch
G9YA
DISCONTINUED
■ Models with Pin Terminals
Pin Terminal Arrangement
2.54
5.2
2.54
2.54
11.2
Two, 2.4 dia.
13.2
8.7
Two, 3.1 dia.
39
7.3
4.6
2.2
2.54
Three SMA jack connectors
Pin terminals
7.4
22.4
30.0
34.0
Pin No.
ABCD
EFGH
G9YA-12S-45(35)-P
@
G9YAK-12S-45(35)-P
@
G9YAT-12S-45(35)-P
@
Note: Each value has a tolerance of
±0.3 mm.
Indicator
Coil
Pin number
AB
CDEFG
H
Without indicator
terminals
Failsafe
GND
+
Dual coil latching
GND
1
2
TTL-driven dual coil latching
V
GND
Logic 1
Logic 2
With indicator
terminals
Failsafe
NC
COM
NO
GND
+
Dual coil latching
1COM
2
GND
1
2
TTL-driven dual coil latching
1
COM
2
V
GND
Logic 1
Logic 2


Similar Part No. - G9YAT-12S-45-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YAT-12S-45-D OMRON-G9YAT-12S-45-D Datasheet
708Kb / 10P
   Coaxial Switch
G9YAT-12S-45-D OMRON-G9YAT-12S-45-D Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
More results

Similar Description - G9YAT-12S-45-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA12S45DC12 OMRON-G9YA12S45DC12 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
   Bandwidths up to 33 GHz
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
   High Frequency-supporting Type
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
   High Frequency-supporting Type
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com