Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8P-1A2T-F Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G8P-1A2T-F
Description  Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1A2T-F Datasheet(HTML) 4 Page - Omron Electronics LLC

  G8P-1A2T-F Datasheet HTML 1Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 2Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 3Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 4Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 5Page - Omron Electronics LLC G8P-1A2T-F Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
245
G8P
G8P
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Open Types
1.1
0.1 dia.
2.1
0.2 dia.
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes (Bottom View)
Note: Pin #4 is omitted on G8P-1AP
G8P-1CP/1AP
1.1
0.1 dia.
2.1
0.2 dia.
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes (Bottom View)
G8P-1CTP/1ATP
#250 Quick connect
Note: Pin #4 is omitted on G8P-1ATP


Similar Part No. - G8P-1A2T-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1A2T-F OMRON-G8P-1A2T-F Datasheet
2Mb / 8P
   Power PCB Relay
G8P-1A2T-F OMRON-G8P-1A2T-F Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
G8P-1A2T-F OMRON-G8P-1A2T-F Datasheet
933Kb / 6P
   PCB Relay
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
More results

Similar Description - G8P-1A2T-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
Panasonic Semiconductor
JW1FSN-BDC5V PANASONIC-JW1FSN-BDC5V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
logo
Nais(Matsushita Electri...
JW1ASN-DC5V NAIS-JW1ASN-DC5V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
logo
Tyco Electronics
VF4 MACOM-VF4 Datasheet
144Kb / 4P
   40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com