Electronic Components Datasheet Search |
|
G6KU-2F-Y Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
G6KU-2F-Y Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 10 page Low Signal Relay G6K 57 ■ Approvals UL Recognized (File No. E41515) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40 ° C Dimensions Note: All units are in millimeters unless otherwise indicated. Contact form Coil rating Contact ratings Number of test operations DPDT 3 to 24 VDC 1 A at 30 VDC (Resistive) 0.5 A at 60 VDC (Resistive) 0.3 A at 125 VAC (General Use) 6,000 Must Operate and Must Release Time Distribution (See note.) G6K-2G (F/P), G6K-2G (F/P)-Y Sample: G6K-2G Number of Relays: 50 Time (ms) Sample: G6K-2G Number of Relays: 50 After test Must Operate and Must Release Bounce Time Distribution (See note.) G6K-2G (F/P) , G6K-2G (F/P)-Y Vibration Resistance G6K-2G (F/P), G6K-2G (F/P)-Y Note: The tests were conducted at an ambient temperature of 23 °C. Must operate bounce time Must operate voltage Must release voltage Time (ms) Must release bounce time Must operate Must release time G6K-2F Mounting Dimensions (Top View) Terminal Arrangement/ Internal Connections (Top View) Orientation mark Note 1: Each value has a tolerance of ±0.3 mm. Tolerance: ±0.1 mm Note 2: The coplanarity of the terminals is 0.1 mm max. G6K-2G Mounting Dimensions (Top View) Terminal Arrangement/ Internal Connections (Top View) Orientation mark Note 1: Each value has a tolerance of ±0.3 mm. Tolerance: ±0.1 mm Note 2: The coplanarity of the terminals is 0.1 mm max. *5.4 *1.8 *0.5 *Effective as of our production in July, 2013 G6K-2P Mounting Dimensions (Bottom View) Terminal Arrangement/ Internal Connections (Bottom View) Orientation mark Note: Each value has a tolerance of ±0.3 mm. Eight, 0.8-dia. holes Tolerance: ±0.1 mm |
Similar Part No. - G6KU-2F-Y |
|
Similar Description - G6KU-2F-Y |