Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6K-2P-Y Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6K-2P-Y
Description  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2P-Y Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G6K-2P-Y Datasheet HTML 2Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 3Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 4Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 5Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 6Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 7Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 8Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 9Page - Omron Electronics LLC G6K-2P-Y Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
60
Low Signal Relay
G6K
■ Recommended Soldering Method
Temperature indicates the surface temperature of the PCBs.
IRS Method (for surface mounting terminal models)
(1) IRS Method (Mounting Solder: Lead)
(2) IRS Method (Mounting Solder: Lead-free)
• The thickness of cream solder to be applied should be within a range between 150 and 200
μm on OMRON’s recommended PCB pattern.
• In order to perform correct soldering, it is recommended that the correct soldering conditions be maintained as shown below on the left side.
Visually check that the Relay is properly soldered.
Precautions
■ Correct Use
Handling
Do not unpack the relay until mounting it.
Soldering
Solder: JIS Z3282, H63A or equivalent
Soldering temperature: Approx. 250
° C (260° C if the DWS method is
used)
Soldering time: Approx. 5 s max. (approx. 2 s for the first time and
approx. 3 s for the second time if the DWS method is used)
Be sure to make a molten solder level adjustment so that the solder
will not overflow on the PCB.
Claw Securing Force During Automatic
Mounting
During automatic insertion of Relays, make sure to set the securing
force of each claw to the following so that the Relays characteristics
will be maintained.
Environmental Conditions During Operation,
Storage, and Transportation
It is best to keep the relay in its packaging in a controlled environ-
ment until it is ready for mounting.
If the Relay is stored for a long time in an adverse environment with
high temperature, high humidity, organic gases, or sulfide gases, sul-
fide or oxide films will form on the contact surfaces. These films may
result in unstable contact, contact problems, or functional problems.
Therefore, operate, store, or transport the product under specified
environmental conditions.
Latching Relay Mounting
Make sure that the vibration or shock that is generated from other
devices, such as relays in operation, on the same panel and imposed
on the Latching Relay does not exceed the rated value, otherwise the
Latching Relay that has been set may be reset or vice versa. The
Latching Relay is reset before shipping. If excessive vibration or
shock is imposed, however, the Latching Relay may be set acciden-
tally. Be sure to apply a reset signal before use.
Maximum Allowable Voltage
The maximum allowable voltage of the coil can be obtained from the
coil temperature increase and the heat-resisting temperature of coil
insulating sheath material. (Exceeding the heat-resisting tempera-
ture may result in burning or short-circuiting.) The maximum allow-
able voltage also involves important restrictions which include the
following:
Soldering
Preheating
Time (s)
220 to
245
180 to
200
150
90 to 120
20 to 30
Soldering
Preheating
Time (s)
Upper surface of case (peak):
255˚C max.
120 max.
30 max.
250 max.
230
180
150
Note: The temperature profile indicates the
temperature of the relay terminal
section.
Relay
terminal
section
Correct Soldering
Incorrect Soldering
PCB
Terminal
Solder
Relay
Land
Excessive
amount of
solder
Insufficient
amount of
solder
Direction A: 1.96 N
Direction B: 4.90 N
Direction C: 1.96 N


Similar Part No. - G6K-2P-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
1Mb / 12P
   Low Signal Relay
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
1Mb / 10P
   Low Signal Relay
More results

Similar Description - G6K-2P-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com