Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE1AN-Q-AC100V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HE1AN-Q-AC100V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE1AN-Q-AC100V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HE1AN-Q-AC100V Datasheet HTML 1Page - Panasonic Semiconductor HE1AN-Q-AC100V Datasheet HTML 2Page - Panasonic Semiconductor HE1AN-Q-AC100V Datasheet HTML 3Page - Panasonic Semiconductor HE1AN-Q-AC100V Datasheet HTML 4Page - Panasonic Semiconductor HE1AN-Q-AC100V Datasheet HTML 5Page - Panasonic Semiconductor HE1AN-Q-AC100V Datasheet HTML 6Page - Panasonic Semiconductor HE1AN-Q-AC100V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
TYPES
1. PC board type (1 Form A, DC coil) (Single side stable)
Standard packing: Carton: 25 pcs.; Case: 100 pcs.
2. Plug-in type (Single side stable)
Standard packing: Carton: 20 pcs.; Case: 100 pcs.
3. TM type (Single side stable)
Standard packing: Carton: 20 pcs.; Case: 100 pcs.
4. Screw terminal type (Single side stable)
Standard packing: Carton: 10 pcs.; Case: 50 pcs.
Note: The TM type of the screw terminals are also available.
* For terminal sockets, see page 198.
Nominal coil voltage
1 Form A
Part No.
6V DC
HE1aN-P-DC6V
12V DC
HE1aN-P-DC12V
24V DC
HE1aN-P-DC24V
48V DC
HE1aN-P-DC48V
100V DC
HE1aN-P-DC100V
110V DC
HE1aN-P-DC110V
Type
Nominal coil voltage
1 Form A
2 Form A
Part No.
Part No.
DC type
6V DC
HE1aN-DC6V
HE2aN-DC6V
12V DC
HE1aN-DC12V
HE2aN-DC12V
24V DC
HE1aN-DC24V
HE2aN-DC24V
48V DC
HE1aN-DC48V
HE2aN-DC48V
100V DC
HE1aN-DC100V
HE2aN-DC100V
110V DC
HE1aN-DC110V
HE2aN-DC110V
AC type
12V AC
HE1aN-AC12V
HE2aN-AC12V
24V AC
HE1aN-AC24V
HE2aN-AC24V
48V AC
HE1aN-AC48V
HE2aN-AC48V
100/120V AC
HE1aN-AC100V
HE2aN-AC100V
200/240V AC
HE1aN-AC200V
HE2aN-AC200V
Type
Nominal coil voltage
1 Form A
2 Form A
Part No.
Part No.
DC type
6V DC
HE1aN-Q-DC6V
HE2aN-Q-DC6V
12V DC
HE1aN-Q-DC12V
HE2aN-Q-DC12V
24V DC
HE1aN-Q-DC24V
HE2aN-Q-DC24V
48V DC
HE1aN-Q-DC48V
HE2aN-Q-DC48V
100V DC
HE1aN-Q-DC100V
HE2aN-Q-DC100V
110V DC
HE1aN-Q-DC110V
HE2aN-Q-DC110V
AC type
12V AC
HE1aN-Q-AC12V
HE2aN-Q-AC12V
24V AC
HE1aN-Q-AC24V
HE2aN-Q-AC24V
48V AC
HE1aN-Q-AC48V
HE2aN-Q-AC48V
100/120V AC
HE1aN-Q-AC100V
HE2aN-Q-AC100V
200/240V AC
HE1aN-Q-AC200V
HE2aN-Q-AC200V
Type
Nominal coil voltage
1 Form A
2 Form A
Part No.
Part No.
DC type
6V DC
HE1aN-S-DC6V
HE2aN-S-DC6V
12V DC
HE1aN-S-DC12V
HE2aN-S-DC12V
24V DC
HE1aN-S-DC24V
HE2aN-S-DC24V
48V DC
HE1aN-S-DC48V
HE2aN-S-DC48V
100V DC
HE1aN-S-DC100V
HE2aN-S-DC100V
110V DC
HE1aN-S-DC110V
HE2aN-S-DC110V
AC type
12V AC
HE1aN-S-AC12V
HE2aN-S-AC12V
24V AC
HE1aN-S-AC24V
HE2aN-S-AC24V
48V AC
HE1aN-S-AC48V
HE2aN-S-AC48V
100/120V AC
HE1aN-S-AC100V
HE2aN-S-AC100V
200/240V AC
HE1aN-S-AC200V
HE2aN-S-AC200V


Similar Part No. - HE1AN-Q-AC100V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE1AN-Q-AC120V NAIS-HE1AN-Q-AC120V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE1AN-Q-AC12V NAIS-HE1AN-Q-AC12V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
More results

Similar Description - HE1AN-Q-AC100V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com