Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6A Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G6A
Description  Electronic Components Master Selection Guide
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6A Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G6A Datasheet HTML 6Page - Omron Electronics LLC G6A Datasheet HTML 7Page - Omron Electronics LLC G6A Datasheet HTML 8Page - Omron Electronics LLC G6A Datasheet HTML 9Page - Omron Electronics LLC G6A Datasheet HTML 10Page - Omron Electronics LLC G6A Datasheet HTML 11Page - Omron Electronics LLC G6A Datasheet HTML 12Page - Omron Electronics LLC G6A Datasheet HTML 13Page - Omron Electronics LLC G6A Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Relays - Power PCB
12
G6C
G5PA-1
G8PT
G5CA
Minimum permissible load
(for reference only)
Features
Operating temperature
Electrical service life
(@ 1800 ops./hr.)
(resistive load)
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
Insulation class
Contact type(s)
Contact material(s)
Coil Information
Coil voltage
Power consumption
Terminal choices
Accessories
Approved standards
Contact Information
Contact form
UL, CSA, SEV, SEMKO, IEC/TUV
PCB
Optional: PCB+quick-connect
contact terminals
-25 to +70ºC
1 Form A
Single button
AgSnIn
4.5kV
Class B
• Fully sealed or flux-sealed
• High capacity versions
• High sensitivity types
• PCB or PCB+QC versions
5, 12, 24VDC
100mA @ 5VDC
200mW (standard & high
capacity)
150mW (high sensitivity)
100,000:
10A @ 30VDC
15A @ 110VAC (high capacity)
10A @ 250VAC (fully sealed, std)
300,000:
10A @ 250VAC (semi-sealed)
N/A
UL, CSA, VDE, SEV
PCB, self clinching
-40 to +70°C
1 Form A + 1 Form B, 1 Form A
Single button
Ag-Alloy
4.5kV
• Low power consumption for
high power switching
• Low profile 10A power relay
• Single & dual coil latching
types available
• Sealed construction available
• Meets EN tracking resistance
CTI > 250
3, 5, 6, 12, 24VDC
10mA @ 5VDC
200mW (monostable & single
coil latching)
280mW (dual coil latching)
100,000: 10A @ 30VDC/250VAC
Socket for QC contact terms.,
PCB terms., socket clip
Class A
UL, CSA, SEMKO TUV, VDE
PCB
-40 to +70°C
1 Form A
Single button
AgSnO2
10kV
12kV
• Ideal for TVs, tuner, & audio
power supply switching, both
front panel and remote
controlled. Also auxiliary
switched power outlets on
tuners and TVs.
• A variety of versions in a
single standard package meet
most UL/FCC power isolation
requirements
• Rated to 100A inrush @ 250
VAC for minimum
40,000 operations
5, 6, 9, 12, 24 VDC
(4.5 VDC non-standard)
10mA @ 5 VDC
250mW
530mW (high capacity,
extended electrical life)
150mW (under development)
30,000: 54@277 VAC 5A @
30VDC / 277VAC (high capacity type)
25,000: TV-5 TV-8 (optional)
6,000: 5A @ 30VDC
100,000: 10A @ 250 VAC
(high-capacity type)
N/A
Class B
2,500VAC (coil-contact)
1,000VAC (open contacts)
2,000VAC (coil -contact)
2,000VAC (contacts pole-pole)
1,000VAC (open contacts)
4,000VAC (coil-contacts)
1,000VAC (open contacts)
Protection level
Semi-sealed
Fully sealed option
Semi-sealed
Fully sealed option
Semi-sealed
General Attributes
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Max. switching capacity
(resistive load)
2,500VA, 300W
2,500VA, 300W
2,000VA, 240W (latching)
N/A
UL, CSA, VDE
PCB (optional self-clinching)
PCB coil /quick connect contact
Flange mount all quick connect
Dimensions mm (in)
11 H x 16 L x 22 W (10A)
(0.43 x 0.63 x 0.87)
11 H x 22 L x 25 W (15A)
9.91 H x 20.07 L x 14.99 W
(0.39 x 0.79 x 0.59)
25 H x 24 L x W 10
(0.985 x 0.95 x 0.40)
Multiple, refer to catalog. Basic:
20.1(H)x 32.1(L) x 27.7(W)
-55°C to +105°C
1 Form A, 1Form C
Single button
AgSnIn (other alloys available)
6kV
5, 9, 12, 24, 48, 110VDC
Other coil voltages available
500mA @ 5VDC
900mW
100,000: 30A @ 277VAC (NO)
50,000: 30A @ 277VAC (NC)
Consult catalog for other ratings
N/A
Class F
2,500VAC, (coil-contact)
1,500VAC, (open contacts)
Switching
10A (15A high capacity)
10A
5A (10A option)
30A (SPST)
10A-30A (SPDT)
1 Form A: 7,500VA, 560W
1 Form C: 5000/2500VA, 560W/280W*
Open frame, Vented/semi-sealed,
Fully sealed
• Industry standard form with
30A switching
• UL Class F insulation standard
• Wide range of coil ratings
• Various sealing forms: open
frame, vented/flux sealed, fully
sealed
• UL508/UL873 Column A
spacings
• Meets EN Tracking resistance
CTI > 175
• High dielectric at open contacts
NEW TYPES
* N.O. Contact / N.C. Contact
ECbodyREADERS.indd 12
ECbodyREADERS.indd 12
7/14/06 11:22:28 PM
7/14/06 11:22:28 PM


Similar Part No. - G6A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6A OMRON-G6A Datasheet
599Kb / 10P
   Low Signal Relay
logo
Gulf Semiconductor
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6A OMRON-G6A Datasheet
606Kb / 10P
   Low Signal Relay
G6A-274P OMRON-G6A-274P Datasheet
599Kb / 10P
   Low Signal Relay
G6A-274P-DC12V OMRON-G6A-274P-DC12V Datasheet
599Kb / 10P
   Low Signal Relay
More results

Similar Description - G6A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com