Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-400 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G3VM-400
Description  Electronic Components Master Selection Guide
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-400 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G3VM-400 Datasheet HTML 2Page - Omron Electronics LLC G3VM-400 Datasheet HTML 3Page - Omron Electronics LLC G3VM-400 Datasheet HTML 4Page - Omron Electronics LLC G3VM-400 Datasheet HTML 5Page - Omron Electronics LLC G3VM-400 Datasheet HTML 6Page - Omron Electronics LLC G3VM-400 Datasheet HTML 7Page - Omron Electronics LLC G3VM-400 Datasheet HTML 8Page - Omron Electronics LLC G3VM-400 Datasheet HTML 9Page - Omron Electronics LLC G3VM-400 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Relays - Low Signal RF/HF
8
www.components.omron.com
G6W
G6Y
G6Z
G6K-RF
General Attributes
Dimensions mm (in)
9.20 H x 20.70 L x 11.70 W
(0.36 x 0.81 x 0.46)
8.9 H x 20 L x 8.6 W
(0.35 x 0.79 x 0.34)
5.4 H x 10.3 L x 6.9 W
(0.21 x 0.41 x 0.27)
Switching
1A max.
0.5A max.
1A max.
Features
• 900MHz+ HF relay
• 1 Form C
• Micro strip line
technology
• Ideal for CATV, Digital
TV tuners, Test &
Measurement
8.9 H x 20 L x 9.4 W
(0.35 x 0.79 x 0.37)
0.5A max.
• 5GHz+ HF relay
• 1 Form C
• Tri-plate micro strip line
technology
• Latching & non-latching
models
• SMT and PCB versions
• Ideal for Base Station
LNA & TMA switching,
Test & Measurement,
Broadcast, FWA
• 2.6GHz+ HF relay
• 1 Form C
• Micro strip line technology
• 75 ! & 50 !
impedance models
• Latching & non-latching
models
• Reverse terminal configurations
• Y & E terminal configurations
• SMT and PCB versions
• Ideal for Base Station LNA &
TMA switching, CATV, Digital TV
tuners, Test & Measurement,
Broadcast, FWA
• 1GHz+ HF relay
• 2 Form C
• 100mW coil power
• Smallest 2 Form C on the
market
• Ideal for Test &
Measurement, CATV, Digital
TV tuners
HF Characteristics
Isolation
65dB (900MHz)
65dB (2GHz)
60dB (2.5GHz)
40dB (5.0GHz)
60 - 65dB (900MHz)
30 - 45dB (2.6GHz)
20 - 30dB (1GHz)
Contact type(s)
Twin crossbar
Twin crossbar
Twin crossbar
Bifurcated crossbar
Rated load
(under resistive load)
10mA @ 30VAC;
10mA @ 30VAC;
900 MHz, 1W
10mA @ 30VAC
10mA @ 30VDC
2.5GHz, 10W
10mA @ 30VAC;
10mA @ 30VDC;
900MHz, 10W
0.3A @ 125VAC;
1A @ 30VDC
Contact material
Au clad Cu alloy
Au clad Cu alloy
Au clad Cu alloy
Au alloy on Ag base
Max. operating voltage
30VDC, 30VAC
30VDC, 30VAC
30VDC, 30VAC
60VDC, 125VAC
Max. switching capacity
under resistive load
10VA, 10W
10VA, 10W
10VA, 10W
37.5VA, 30W
Min. electrical service life
(operations at rated load)
300,000
300,000
300,000
300,000
Coil Information
Coil voltage
3, 4.5, 5, 6, 9, 12, 24VDC
3, 4.5, 9, 12, 24VDC
3, 4.5, 5, 9, 12, 24VDC
3, 4.5, 5, 6, 9, 12, 24VDC
Power consumption
200mW
200mW (standard)
200mW (single latching)
360mW (dual latching)
200mW (standard)
200mW (single latching)
360mW (dual latching)
100mW
Characteristics
Dielectric strength
between coil & contacts
(50/60 Hz for 1 minute)
1,000VAC
1,000VAC
1,000VAC
750VAC
Terminal choices
PCB
PCB, SMT Gullwing
PCB, SMT Gullwing
SMT Gullwing
Packaging / Options
Tape & reel available
Contact Information
Contact form
1 Form C
1 Form C
1 Form C
Insertion loss
0.5dB (900MHz)
0.2dB (2GHz)
0.2dB (2.5GHz)
0.4dB (5.0GHz)
0.1 - 0.2dB (900MHz)
0.3 - 0.5dB (2.6GHz)
0.2dB (1GHz)
VSWR
1.5 (900MHz)
1.2 (2GHz)
1.2 (2.5GHz)
1.5 (5.0GHz)
1.1 - 1.2 (900MHz)
1.3 - 1.5 (2.6GHz)
0.2dB (1GHz)
2 Form C
G9YA
39.0 H x 34.0 L x 13.2 W
(1.54 x 1.34 x 0.52)
100mA max.
• 26.5GHz bandwidth
• Coaxial HF relay
• 60dB isolation (26.5GHz)
• Contact carry power of 120W
at 3GHz
• Available in failsafe &
TTL-driven models
• Also available in non-latching
and dual latching configuraitons
• Ideal for Mobile Communications
Infrastructure Equipment,
Broadcast Equipment, Test
and Measurement Equipment,
Wireless LAN
60dB (26.5GHz)
65dB (12.4GHz)
Twin crossbar
100mA @ 30VDC
Au clad Cu alloy
30VDC
120W (3GHz)
5,000,000
4.5, 5, 12, 15, 24, 28VDC
500mW (dual latching)
700mW (failsafe)
500VAC
SMA Terminals, Solder
Terminals, Pin Terminals
Connector Cables
0.8dB (26.5GHz)
0.4dB (12.4GHz)
0.3dB (8GHz)
1.7 (26.5GHz)
1.35 (12.4GHz)
1.25 (8GHz)
1 Form C
NEW!
ECbodyREADERS.indd 8
ECbodyREADERS.indd 8
7/14/06 11:21:45 PM
7/14/06 11:21:45 PM


Similar Part No. - G3VM-400

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-401A OMRON-G3VM-401A Datasheet
402Kb / 6P
   MOS FET Relays
G3VM-401A OMRON-G3VM-401A Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-401A OMRON-G3VM-401A Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-401A OMRON-G3VM-401A Datasheet
324Kb / 4P
   Analog-switching MOS FET Relays with 400-V Load Voltage
G3VM-401AY OMRON-G3VM-401AY Datasheet
283Kb / 8P
   Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
More results

Similar Description - G3VM-400

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com