Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2RL-1A-H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G2RL-1A-H
Description  A Power Relay with Various Models
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-1A-H Datasheet(HTML) 3 Page - Omron Electronics LLC

  G2RL-1A-H Datasheet HTML 1Page - Omron Electronics LLC G2RL-1A-H Datasheet HTML 2Page - Omron Electronics LLC G2RL-1A-H Datasheet HTML 3Page - Omron Electronics LLC G2RL-1A-H Datasheet HTML 4Page - Omron Electronics LLC G2RL-1A-H Datasheet HTML 5Page - Omron Electronics LLC G2RL-1A-H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCB Relay
G2RL
223
■ Approved Standards
UL Recognized (File No. E41643) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40
°C
Note: Consult Omron for additional UL / CSA ratings
VDE (EN61810-1) (License No. 119650)
Note: To achieve approved life cycles on sealed models, the relay should be vented by removing the “knock off vent nib” on top of relay case after
the soldering/washing process.
Electrical Life Data
Note: 1. The results shown reflect values measured using very severe test conditions i.e., Duty: 1 s ON/1 s OFF.
2. In order to obtain the full rated life cycles on the fully sealed models, the relay should be properly vented by removing the “knock off vent
nib” on top of the relay case after the soldering/washing process.
3. Electrical endurance will vary depending on the test conditions. Contact your OMRON representative if you require more detailed
information for the electrical endurance under your test conditions.
Model
Contact form
Coil ratings
Contact ratings
G2RL-1A
SPST-NO
3 to 48 VDC
12 A at 250 VAC (General use)
G2RL-1
SPDT
12 A at 24 VDC (Resistive)
G2RL-1A-E
SPST-NO
3 to 48 VDC
16 A at 250 VAC (General use)
G2RL-1-E
SPDT
16 A at 24 VDC (Resistive)
G2RL-1A-H
SPST-NO
5 to 24 VDC
10 A at 250 VAC (General use)
10 A at 24 VDC (Resistive)
G2RL-1-H
SPDT
G2RL-2A
DPST-NO
3 to 48 VDC
8 A at 277 VAC (General use)
8 A at 30 VDC (Resistive)
G2RL-2
DPDT
Model
Contact form
Coil ratings
Contact ratings
G2RL-1(A)
1 pole
5, 12, 18, 22, 24, 48 VDC
12 A at 250 VAC (cos
φ=1)
12 A at 24 VDC (L/R=0 ms)
AC15: 3 A at 240 VAC
DC13: 2.5 A at 24 VDC, 50 ms
G2RL-1(A)-E
1 pole
5, 12, 18, 22, 24, 48 VDC
16 A at 250 VAC (cos
φ=1)
16 A at 24 VDC (L/R=0 ms)
AC15:
3 A at 240 VAC (NO)
1.5 A at 240 VAC (NC)
DC13:
2.5 A at 24 VDC (NO), 50 ms
G2RL-1(A)-H
1 pole
5, 9, 12, 24 VDC
10 A at 250 VAC (cos
φ=1)
10 A at 24 VDC (L/R=0 ms)
G2RL-2(A)
2 poles
5, 12, 18, 22, 24, 48 VDC
8 A at 250 VAC (cos
φ=1)
8 A at 24 VDC (L/R=0 ms)
AC15:
1.5 A at 240 VAC
DC13:
2 A at 30 VDC, 50 ms
G2RL-1-E
16 A at 250 VAC (cos
φ=1)
30,000 operations min.
16 A at 24 VDC
30,000 operations min.
8 A at 250 VAC (cos
φ=0.4)
200,000 operation min. (normally open side operation)
8 A at 30 VDC (L/R=7 ms)
10,000 operation min. (normally open side operation)
G2RL-1
12 A at 250 VAC (cos
φ=1)
50,000 operations min.
12 A at 24 VDC
30,000 operations min.
5 A at 250 VAC (cos
φ=0.4)
150,000 operation min. (normally open side operation)
5 A at 30 VDC (L/R=7 ms)
20,000 operation min. (normally open side operation)
G2RL-1-H
10 A at 250 VAC (cos
φ=1)
100,000 operations min.
10 A at 24 VDC
50,000 operations min.
G2RL-2
8 A at 250 VAC (cos
φ=1)
30,000 operations min.
8 A at 30 VDC
30,000 operations min.


Similar Part No. - G2RL-1A-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-1A-H OMRON-G2RL-1A-H Datasheet
946Kb / 8P
   PCB Relay
G2RL-1A-H OMRON-G2RL-1A-H Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1A-H OMRON-G2RL-1A-H Datasheet
513Kb / 6P
   PCB Relay
G2RL-1A-H OMRON-G2RL-1A-H Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1A-H OMRON-G2RL-1A-H Datasheet
513Kb / 6P
   A Power Relay with Various Models
More results

Similar Description - G2RL-1A-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
   DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
   DC Power Relays (200-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com