Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE2AN-DC48V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # HE2AN-DC48V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE2AN-DC48V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  HE2AN-DC48V Datasheet HTML 1Page - Panasonic Semiconductor HE2AN-DC48V Datasheet HTML 2Page - Panasonic Semiconductor HE2AN-DC48V Datasheet HTML 3Page - Panasonic Semiconductor HE2AN-DC48V Datasheet HTML 4Page - Panasonic Semiconductor HE2AN-DC48V Datasheet HTML 5Page - Panasonic Semiconductor HE2AN-DC48V Datasheet HTML 6Page - Panasonic Semiconductor HE2AN-DC48V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
MOUNTING METHOD
SAFETY STANDARDS
NOTES
For Cautions for Use.
Item
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
TV rating (UL/CSA)
TÜV (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
File No.
Rating
File No.
Rating
1 Form A
E43028
30A 277V AC
30A 30V DC
1.5HP 125V AC
3HP 250V AC
LR26550
etc.
30A 277V AC
30A 30V DC
1.5HP 125V AC
3HP 250V AC
40006681
30A 250V AC (cos
φ=1.0)
30A 250V AC (cos
φ=0.4)
5A 110V DC (0ms)
UL
E43028
TV-15
B 11 04
13461 293
30A 250V AC (cos
φ=1.0)
30A 250V AC (cos
φ=0.4)
8A 110V DC (0ms)
2 Form A
E43028
25A 277V AC
25A 30V DC
1HP 125V AC
2HP 250V AC
LR26550
etc.
25A 277V AC
25A 30V DC
1HP 125V AC
2HP 250V AC
40006681
25A 250V AC (cos
φ=1.0)
25A 250V AC (cos
φ=0.4)
5A 110V DC (0ms)
UL
E43028
TV-10
B 11 04
13461 293
25A 250V AC (cos
φ=1.0)
25A 250V AC (cos
φ=0.4)
8A 110V DC (0ms)
2 Form A
External dimensions
Single side stable type
14.4
.567
21.5
.846
33.5
1.319
M.138
M3.5
2-.177 dia.
2-4.5 dia.
M.157
M4.0
36.4
40.0
51.0
1.433
1.575
2.008
50.0
1.969
.295
7.5
.138
3.5
44.5
1.752
0.8
.031
17.5
.689
16.5
.650
R4
R.157
General tolerance:
±0.3 ±.012
Schematic (Bottom view)
Single side stable type
Panel cutout
Tolerance:
±0.1 ±.004
1
65
2
34
40
±0.1
1.575
±.004
2-.177
±.004 dia.
2-4.5
±0.1 dia.
CAD Data
1. Plug-in type
2. Screw terminal type
3. Allowable installation wiring size for
screw terminal types and terminal
sockets
Due to the UP terminals, it is possible to
either directly connect the wires or use
crimped terminal.
M4 screw
Washer
Faston No. 250
M4 screw
Washer
1. The dust cover should not be removed
since doing so may alter the
characteristics.
2. Avoid use under severe environmental
conditions, such as high humidity, organic
gas or in dust, oily locations and locations
subjected to extremely frequent shock or
vibrations.
3. When mounting, use spring washers.
Optimum fastening torque ranges from
49 to 68.6 N
⋅m (5 to 7 kgf·cm).
4. Firmly insert the receptacles so that
there is no slack or looseness. To remove
a receptacle, 19.6 to 39.2 N (2 to 4 kg) of
pulling strength is required. Do not
remove more than one receptacle at one
time. Always remove one receptacle at a
time and pull it straight outwards.
5. When using the AC type, the operate
time due to the in-rush phase is 20 ms or
more. Therefore, it is necessary for you to
verify the characteristics for your actual
circuit.
6. When using the push-on blocks for the
screw terminal type, use crimped
terminals and tighten the screw-down
terminals to the torque below.
M4.5 screw:
147 to 166.6 N
⋅cm (15 to 17 kgf·cm)
M4 screw:
117.6 to 137 N·cm (12 to 14 kgf·cm)
M3.5 screw:
78.4 to 98 N·cm (8 to 10 kgf·cm)


Similar Part No. - HE2AN-DC48V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE2AN-P-AC120V NAIS-HE2AN-P-AC120V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC12V NAIS-HE2AN-P-AC12V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC240V NAIS-HE2AN-P-AC240V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC24V NAIS-HE2AN-P-AC24V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC48V NAIS-HE2AN-P-AC48V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
More results

Similar Description - HE2AN-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com