Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ32MC202ESP Datasheet(PDF) 7 Page - Microchip Technology

Part # DSPIC33FJ32MC202ESP
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC202ESP Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSPIC33FJ32MC202ESP Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 9Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 10Page - Microchip Technology DSPIC33FJ32MC202ESP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 7
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
Pin Diagrams (Continued)
44-Pin TQFP
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
PWM1H2/RP12(1)/CN14/PMD0/RB12
PGEC2/PWM1L3/RP11(1)/CN15/PMD1/RB11
PGED2/EMCD2/PWM1H3/RP10(1)/CN16/PMD2/RB10
VCAP
VSS
RP25(1)/CN19/PMA6/RC9
RP24(1)/CN20/PMA5/RC8
PWM2L1/RP23(1)/CN17/PMA0/RC7
PWM2H1/RP22(1)/CN18/PMA1/RC6
SDA1/RP9(1)/CN21/PMD3/RB9
AN4/C1IN-/RP2(1)/CN6/RB2
AN5/C1IN+/RP3(1)/CN7/RB3
AN6/RP16(1)/CN8/RC0
AN7/RP17(1)/CN9/RC1
AN8/CVREF/RP18/PMA2/CN10/RC2
SOSCI/RP4(1)/CN1/RB4
VDD
VSS
OSC1/CLKI/CN30/RA2
OSC2/CLKO/CN29/RA3
TDO/PMA8/RA8
PWM1L2/RP13(1)/CN13/PMRD/RB13
dsPIC33FJ32MC304
dsPIC33FJ64MC204
dsPIC33FJ128MC204
Note 1:
The RPx pins can be used by any remappable peripheral. See Table 1 in this section for the list of available peripherals.
= Pins are up to 5V tolerant


Similar Part No. - DSPIC33FJ32MC202ESP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
4Mb / 292P
   High-Performance, 16-bit Microcontrollers
2007
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
4Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
5Mb / 330P
   16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
2Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
2Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
More results

Similar Description - DSPIC33FJ32MC202ESP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ64MC204-I MICROCHIP-DSPIC33FJ64MC204-I Datasheet
6Mb / 460P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog
11/29/11
logo
Electronic Film Capacit...
PIC24EP256GU810-I EFC-PIC24EP256GU810-I Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
logo
Microchip Technology
DSPIC33EP512MU814-IPL MICROCHIP-DSPIC33EP512MU814-IPL Datasheet
4Mb / 623P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EP256MU806 MICROCHIP-DSPIC33EP256MU806 Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
PIC24EP32GP202 MICROCHIP-PIC24EP32GP202 Datasheet
5Mb / 526P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, Op Amps and Advanced Analog
11/29/12 2011-2013
DSPIC33EVXXXGM00X MICROCHIP-DSPIC33EVXXXGM00X Datasheet
5Mb / 506P
   16-Bit, 5V Digital Signal Controllers with PWM, SENT, Op Amps and Advanced Analog Features
08/15/18
DSPIC33FJ256MC710A-I MICROCHIP-DSPIC33FJ256MC710A-I Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ128MC706A-HPT MICROCHIP-DSPIC33FJ128MC706A-HPT Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC204T-IPT MICROCHIP-DSPIC33FJ32MC204T-IPT Datasheet
5Mb / 330P
   16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A_13 Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com