Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21246SNXXXLG Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F21246SNXXXLG
Description  SINGLE-CHIP 16-BIT CMOS MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21246SNXXXLG Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F21246SNXXXLG Datasheet HTML 6Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 7Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 8Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 9Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 10Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 11Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 12Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 13Page - Renesas Technology Corp R5F21246SNXXXLG Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
R8C/24 Group, R8C/25 Group
1. Overview
Rev.3.00
Feb 29, 2008
Page 8 of 51
REJ03B0117-0300
Figure 1.3
Type Number, Memory Size, and Package of R8C/25 Group
Type No.
R 5 F 21 25 6 S N XXX FP
Package type:
FP: PLQP0052JA-A (0.65 mm pin-pitch, 10 mm square body)
LG: PTLG0064JA-A (0.65 mm pin-pitch, 6 mm square body)
ROM number
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
Y: Operating ambient temperature -20°C to 105°C(1)
S: Low-voltage version
ROM capacity
4: 16 KB
5: 24 KB
6: 32 KB
7: 48 KB
8: 64 KB
R8C/25 Group
R8C/Tiny Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor
NOTE:
1. Please contact Renesas Technology sales offices for the Y version.


Similar Part No. - R5F21246SNXXXLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21246SNXXXLG RENESAS-R5F21246SNXXXLG Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21246SNXXXLG RENESAS-R5F21246SNXXXLG Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21246SNXXXLG RENESAS-R5F21246SNXXXLG Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F21246SNXXXLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C24 RENESAS-R8C24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com