Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF75831SK8 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HUF75831SK8
Description  3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF75831SK8 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HUF75831SK8 Datasheet HTML 1Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 2Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 3Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 4Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 5Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 6Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 7Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 8Page - Fairchild Semiconductor HUF75831SK8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
HUF75831SK8 Rev. B
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
0.90
1.00
1.10
1.15
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
0.95
1.05
10
100
1000
3000
0.1
1.0
10
150
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
0
2
4
6
8
10
020
30
40
VDD = 75V
Qg, GATE CHARGE (nC)
ID = 3A
ID = 0.5A
WAVEFORMS IN
DESCENDING ORDER:
10
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
HUF75831SK8


Similar Part No. - HUF75831SK8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUF75831SK8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75831SK8 FAIRCHILD-HUFA75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75829D3 INTERSIL-HUF75829D3 Datasheet
122Kb / 9P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com