Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JC1AF-S-DC6V-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JC1AF-S-DC6V-F
Description  Wide variation 1a 15A, 2a 10A power relays High inrush current capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JC1AF-S-DC6V-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JC1AF-S-DC6V-F Datasheet HTML 1Page - Panasonic Semiconductor JC1AF-S-DC6V-F Datasheet HTML 2Page - Panasonic Semiconductor JC1AF-S-DC6V-F Datasheet HTML 3Page - Panasonic Semiconductor JC1AF-S-DC6V-F Datasheet HTML 4Page - Panasonic Semiconductor JC1AF-S-DC6V-F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JC
JC2a type
DIMENSIONS (mm inch)
PC board type
1. Maximum value for switching capacity
2. Operate / release time
10
10
1
100 250 400
0.1
1
0.01
Contact voltage, V
AC resistive
load
AC
inductive
load
(cos
ϕ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
3
2
1
80
100
120
0
7
Coil applied voltage, %V
Operate time
Release time
Max.
Min.
Max.
Min.
1) JC 1 Form A
External dimensions
6
1
5
2
4
3
MADE IN JAPAN
30
1.181
4 .157
1.5
.059
1.5
.059
14
.551
14
.551
6.9 .272
10
.394
19
.748
15.2
.598
7.6 .299
30
1.181
3.1
.122
0.4
.016
0.5
.020
0.5
.020
0.9 dia.
.035 dia.
Schematic (Bottom view)
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
6
5
3
1
Common terminal
Coil terminal
N.O. terminal
Relay outline
1
6
5
3
2-1.8 dia.
.071 dia.
2-1.2 dia.
.047 dia.
3.1
.122
2.54
×4
.100
×4
19
.748
2.54
×6
.100
×6
2.54
×3
.100
×3
30
1.181
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.2 ±.008
±0.3 ±.012
±0.5 ±.020
2) JC 2 Form A
External dimensions
6
1
5
2
4
3
MADE IN JAPAN
30
1.181
4 .157
1.5
.059
1.5
.059
14
.551
14
.551
6.9 .272
10
.394
19
.748
15.2
.598
7.6 .299
3.1
.122
30
1.181
0.9 dia.
0.5
0.5
.035 dia.
.020
.020
0.4
.016
Schematic (Bottom view)
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
6
52
3
4
1
Common terminal
Coil terminal
N.O. terminal
Relay outline
1
2
6
5
4
3
4-1.8 dia.
.071 dia.
2.54
×4
.100
×4
19
.748
3.1
.122
30
1.181
2-1.2 dia.
.047 dia.
2.54
×6
.100
×6
2.54
×3
.100
×3
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.2 ±.008
±0.3 ±.012
±0.5 ±.020
ASCTB79E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e


Similar Part No. - JC1AF-S-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
JC10-000-202N COPAL-JC10-000-202N Datasheet
69Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
List of Unclassifed Man...
JC100B ETC1-JC100B Datasheet
711Kb / 16P
   JC050B
JC100B1 ETC1-JC100B1 Datasheet
711Kb / 16P
   JC050B
JC103C3R5/X ETC1-JC103C3R5/X Datasheet
148Kb / 5P
   Thermometrics Clip-On Pipe and Surface Sensors
logo
Amphenol Corporation
JC103C3R5/X AMPHENOL-JC103C3R5/X Datasheet
80Kb / 4P
   Suitable for use in conditions of high
More results

Similar Description - JC1AF-S-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
logo
Mitsubishi Electric Sem...
LK1AF MITSUBISHI-LK1AF Datasheet
49Kb / 3P
   SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com