Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CES-125-01-T-S Datasheet(PDF) 1 Page - Samtec, Inc

Part # CES-125-01-T-S
Description  LOW PROFILE SOCKET STRIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CES-125-01-T-S Datasheet(HTML) 1 Page - Samtec, Inc

  CES-125-01-T-S Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
SLW, CES SERIES
SLW–110–01–T–D
CES–115–01–T–S
CES–125–01–T–D
SLW–120–01–T–S
WWW.SAMTEC.COM
(0,25)
.010
A
–01
= (3,25 mm)
.128
“A” Dim.
NO. PINS
PER ROW
1
SLW
ROW
OPTION
PLATING
OPTION
01
NO. PINS
PER ROW
LEAD
STYLE
CES
1
– S
= Single
Row
– D
= Double
Row
PLATING
OPTION
RA
OPTION
Mates with:
TLW, TSW, MTLW, MTSW,
HW, EW, ZW, HTSW, HMTSW, TSM
Mates with:
TLW, TSW, MTLW,
MTSW, HW, EW, ZW,
DW, HTSW, PHT, HMTSW
ROW
OPTION
– D
= Double
Row
– S
= Single
Row
(3,05)
.120
(1,02)
.040
– RA
= Right Angle
version
Style – 02 only
Single Row only
(2,54)
.100
(0,51)
.020
(5,08)
.200
(0,64)
.025
(2,54) .100 X No. of Positions
(2,54)
.100
01
01
02
02
(0,71)
.028 SQ
(3,05)
.120
TYP
(5,59)
.220
(2,54)
.100
Note: Some lengths,
styles and options are
non-standard, non-returnable.
Note: Some lengths,
styles and options are
non-standard, non-returnable.
–L
= 10µ" (0,25 µm)
Gold contact,
Matte Tin on tail
–T
= Matte Tin
(2,54) .100 X No. of Positions
(4,95)
.195
(2,54)
.100
(2,54)
.100
01
01
02
02
(2,54) .100
(4,57)
.180
(0,64) .025
(0,41) .016
(2,54) .100
(2,92)
.115
TYP
–F
= Gold flash on contact,
Matte Tin on tail
–L
= 10µ" (0,25 µm) Gold on contact,
Matte Tin on tail
–G
= 20µ" (0,51 µm) Gold on contact,
Gold flash on balance
–T
= Matte Tin
01 thru 50
01 thru 50
For complete specifications
see www.samtec.com?CES
Insulator Material:
Black G.F. Polyester
Contact Material:
Phosphor Bronze
Plating: Au or Sn over
50µ" (1,27 µm) Ni
Current Rating: 1A/Contact
Voltage Rating: 333 VAC
Operating Temp Range:
-55°C to +125°C with Gold
-55°C to +105°C with Tin
Contact Resistance:
10 m
Ω
Insertion Depth:
(2,62 mm) .103" to
(4,06 mm) .160"
Insertion Force:
(Single contact only)
(2,22 N) 8 oz avg.
(0,64 mm) .025" SQ pin
Withdrawal Force:
(Single contact only)
(1,11 N) 4 oz avg.
(0,64 mm) .025" SQ pin
RoHS Compliant: Yes
Lead-Free Solderable:
Wave only
F-213
–02
= (5,66 mm)
.223
“A” Dim.
For complete specifications
see www.samtec.com?SLW
Insulator Material:
Black G.F. Polyester
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ"(1,27 µm) Ni
Voltage Rating:
550 VAC
Operating Temp Range:
-55°C to +125°C with Gold
-55°C to +105°C with Tin
Contact Resistance:
10 m
Ω
Insertion Depth:
(2,16 mm) .085" to
(2,92 mm) .115"
Insertion Force:
(Single contact only)
(3,34 N) 12 oz avg.
(0,64 mm) .025" SQ pin
Withdrawal Force:
(Single contact only)
(1,67 N) 6 oz avg.
(0,64 mm) .025" SQ pin
RoHS Compliant: Yes
Lead-Free Solderable:
Wave only
SPECIFICATIONS
SPECIFICATIONS
Note: Other Gold
plating options available.
Contact Samtec.
Note: Other Gold plating
options available.
Contact Samtec.
Dual leaf
folded
contact
Chamfered
Closed bottom
contact
LOW PROFILE SOCKET STRIPS
CURRENT RATING
(PER CONTACT)
AMBIENT
TEMP
SLW mated
with TSW
20°C
7.1A
40°C
6.2A
60°C
5.8A
95°C
3.7A
6 POSITIONS (2x3)
POWERED


Similar Part No. - CES-125-01-T-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
   CABLE ENTRY SEALS STANDARD
logo
TE Connectivity Ltd
CES-1-XX TEC-CES-1-XX Datasheet
108Kb / 1P
   CAMLE ENTRY SEALS STANDARD
More results

Similar Description - CES-125-01-T-S

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SL-105-T-12 SAMTEC-SL-105-T-12 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
logo
Major League Electronic...
LSSHSM-2-DV MAJOR-LEAGUE-LSSHSM-2-DV Datasheet
76Kb / 1P
   Low Profile Socket Strips - Vertical
logo
Samtec, Inc
SL-131-T-11 SAMTEC-SL-131-T-11 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SLW-110-01-G-D SAMTEC-SLW-110-01-G-D Datasheet
583Kb / 1P
   LOW PROFILE STRIPS
logo
Major League Electronic...
LSSHS-6-S MAJOR-LEAGUE-LSSHS-6-S Datasheet
224Kb / 1P
   .050 cl Single Row - Straight Low Profile Socket Strips
LSSHS-6-D MAJOR-LEAGUE-LSSHS-6-D Datasheet
224Kb / 1P
   .050*.100 cl Dual Row - Straight Low Profile Socket Strips
logo
Samtec, Inc
FTS-104-01-F-D SAMTEC-FTS-104-01-F-D Datasheet
618Kb / 1P
   MICRO LOW PROFILE TERMINAL STRIPS
FTS-104-01-L-D SAMTEC-FTS-104-01-L-D Datasheet
770Kb / 1P
   MICRO LOW PROFILE TERMINAL STRIPS
SS-125-S-2 SAMTEC-SS-125-S-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com