Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L127-T2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-L127-T2
Description  Mounting Brackets
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L127-T2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-L127-T2 Datasheet HTML 1Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 2Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 3Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 4Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 5Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 6Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 7Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 8Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
E39-L/F39-L/E39-S/E39-R
Contact Mounting Plates
Note:
Applicable models that appear shaded come with the Mounting Brackets at left as accessories.
Slits
Note:
Applicable models that appear shaded come with the Slits at left as accessories
Reflectors (Refer to Dimensions on page 16.)
*1. 40
° or higher for E3JM-R and E3JK-R.
*2. 40
° or higher for E3G-R.
Model
Material
Count
Applicable type
Page
Dimensions
E39-L60
PBT (polybutylene terephthalate)
1
E3S-R
@615
Model
Slit width
Installation procedure
Applicable type
E39-S39
Width 1
× 20 mm
Seal type
E3JM-10
@4 (T)
E3JK-5
@@
E39-S60
Width 0.5, 1
× 15 mm
Seal type
E32-T16
E39-S61
Width 0.5, 1, 2, 4
× 11 mm
Plug-in type
E3S-CT
@1
E39-S63
0.5-mm dia., 1 mm
E3T-ST1
@
E39-S64
0.5-mm dia., 1 mm
E3T-FT1
@
E39-S65A
0.5 mm dia.
E3Z-T
@@
E39-S65B
1-mm dia.
E39-S65C
2-mm dia.
E39-S65D
Width 0.5
× 10 mm
E39-S65E
Width 1
× 10 mm
E39-S65F
Width 2
× 10 mm
Name
Reflectors
Non-fogging
reflective plate
Reflectors
Special Reflec-
tor for E3ZM-B
Item
Model
E39-R1
E39-R1S
E39-R1K
E39-R2
E39-R6
E39-R10
E39-RP1
Directional angle
30
° min. *130° min. *230° min.
Ambient operating
temperature range
−25 to 55°C
−40 to 60°C
Ambient storage
temperature range
−40 to 70°C
−40 to 55°C
−40 to 70°C
Ambient operating
humidity range
35% to 85%
35% to 95%
35% to 85%
Ambient storage
humidity range
35% to 95%
Degree of protection
IEC IP67
Accessories
---
Name
Small reflector
Tape reflector
Item
Model
E39-R9
E39-R3
E39-R4
E39-R37-CA
E39-RS1
E39-RS1-CA
E39-RS2
E39-RS2-CA
E39-RS3
E39-RS3-CA
Directional angle
30
° min.
2
° to 20° min.
30
° min.
Ambient operating
temperature range
−25 to 55°C
Ambient storage
temperature range
−40 to 70°C
0 to 40
°C
Ambient operating
humidity range
35% to 95%
35% to 85%
Ambient storage
humidity range
35% to 95%
35% to 85%
Degree of protection
IEC IP67
Accessories
---
Mounting Brack-
ets E39-L104
(with screws)
---
Phillips screws M3
× 3, spring wash-
ers M3, nuts M3
---
Name
Laser Reflectors
Standard
Short-distance transpar-
ent object detection
Sheets
Item
Model
E39-R12
E39-R13
E39-R14
E39-RS4
E39-RS5
Ambient operating
temperature range
−10 to 55°C (No icing)
Ambient storage
temperature range
−25 to 70°C (No icing)
Ambient operating
humidity range
35 to 85% (No condensation)
Ambient storage
humidity range
35 to 85% (No condensation)


Similar Part No. - E39-L127-T2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L127-T2 OMRON-E39-L127-T2 Datasheet
1Mb / 17P
   Mounting Brackets
More results

Similar Description - E39-L127-T2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com