Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS65WV25616DBLL-45CTLA1 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS65WV25616DBLL-45CTLA1
Description  256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV25616DBLL-45CTLA1 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS65WV25616DBLL-45CTLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. D
06/19/2013
IS62WV25616DALL/DBLL, IS65WV25616DBLL
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 2.3V-3.6V
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
OutputHIGHVoltage
Vdd = Min.,iOH = –1.0mA
1.8
V
VOL
OutputLOWVoltage
Vdd = Min.,iOL = 2.1mA
0.4
V
ViH
Input HIGH Voltage
2.0
Vdd + 0.3
V
ViL
InputLOWVoltage(1)
–0.3
0.8
V
iLi
InputLeakage
GND≤ Vin ≤ Vdd
–1
1
µA
iLO
OutputLeakage
GND ≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. ViL (min.) = –0.3V DC; ViL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
ViH (max.) = Vdd + 0.3V dC; ViH (max.) = Vdd + 2.0V aC(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 3.3V + 5%
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
OutputHIGHVoltage
Vdd = Min.,iOH = –1mA
2.4
V
VOL
OutputLOWVoltage
Vdd = Min.,iOL = 2.1mA
0.4
V
ViH
Input HIGH Voltage
2
Vdd + 0.3
V
ViL
InputLOWVoltage(1)
–0.3
0.8
V
iLi
InputLeakage
GND≤ Vin ≤ Vdd
–1
1
µA
iLO
OutputLeakage
GND ≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. ViL (min.) = –0.3V DC; ViL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
ViH (max.) = Vdd + 0.3V dC; ViH (max.) = Vdd + 2.0V aC(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 1.65V-2.2V
Symbol Parameter
Test Conditions
VDD
Min.
Max.
Unit
VOH
OutputHIGHVoltage
iOH = -0.1mA
1.65-2.2V
1.4
V
VOL
OutputLOWVoltage
iOL = 0.1mA
1.65-2.2V
0.2
V
ViH
Input HIGH Voltage
1.65-2.2V
1.4
Vdd + 0.2
V
ViL(1)
InputLOWVoltage
1.65-2.2V
–0.2
0.4
V
iLi
InputLeakage
GND≤ Vin ≤ Vdd
–1
1
µA
iLO
OutputLeakage
GND ≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. ViL (min.) = –0.3V DC; ViL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
ViH (max.) = Vdd + 0.3V dC; ViH (max.) = Vdd + 2.0V aC(pulsewidth<10ns).Not100%tested.


Similar Part No. - IS65WV25616DBLL-45CTLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV25616DBLL ISSI-IS65WV25616DBLL Datasheet
373Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
More results

Similar Description - IS65WV25616DBLL-45CTLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV25616ALL ISSI-IS62WV25616ALL Datasheet
112Kb / 14P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616DBLL ISSI-IS65WV25616DBLL Datasheet
373Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616ALL ISSI-IS65WV25616ALL Datasheet
103Kb / 13P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com