Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT47H64M8B6-25ELDTR Datasheet(PDF) 11 Page - Micron Technology

Part # MT47H64M8B6-25ELDTR
Description  512Mb: x4, x8, x16 DDR2 SDRAM
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT47H64M8B6-25ELDTR Datasheet(HTML) 11 Page - Micron Technology

Back Button MT47H64M8B6-25ELDTR Datasheet HTML 7Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 8Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 9Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 10Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 11Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 12Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 13Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 14Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
Automotive Temperature
The automotive temperature (AT) option, if offered, has two simultaneous require-
ments: ambient temperature surrounding the device cannot be less than –40°C or great-
er than 105°C, and the case temperature cannot be less than –40°C or greater than
105°C. JEDEC specifications require the refresh rate to double when TC exceeds 85°C;
this also requires use of the high-temperature self refresh option. Additionally, ODT re-
sistance the input/output impedance and IDD values must be derated when TC is < 0°C
or > 85°C.
General Notes
• The functionality and the timing specifications discussed in this data sheet are for the
DLL-enabled mode of operation.
• Throughout the data sheet, the various figures and text refer to DQs as “DQ.” The DQ
term is to be interpreted as any and all DQ collectively, unless specifically stated oth-
erwise. Additionally, the x16 is divided into 2 bytes: the lower byte and the upper byte.
For the lower byte (DQ[7:0]), DM refers to LDM and DQS refers to LDQS. For the up-
per byte (DQ[15:8]), DM refers to UDM and DQS refers to UDQS.
• A x16 device's DQ bus is comprised of two bytes. If only one of the bytes needs to be
used, use the lower byte for data transfers and terminate the upper byte as noted:
– Connect UDQS to ground via 1k
Ω* resistor
– Connect UDQS# to VDD via 1kΩ* resistor
– Connect UDM to VDD via 1kΩ* resistor
– Connect DQ[15:8] individually to either VSS or VDD via 1kΩ* resistors, or float
DQ[15:8].
*If ODT is used, 1k
Ω resistor should be changed to 4x that of the selected ODT.
• Complete functionality is described throughout the document, and any page or dia-
gram may have been simplified to convey a topic and may not be inclusive of all re-
quirements.
• Any specific requirement takes precedence over a general statement.
512Mb: x4, x8, x16 DDR2 SDRAM
Functional Description
PDF: 09005aef82f1e6e2
512MbDDR2.pdf - Rev. T 2/12 EN
11
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2004 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com