Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV102416BLL-10MLA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS64WV102416BLL-10MLA3
Description  1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV102416BLL-10MLA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS64WV102416BLL-10MLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev.  F
05/09/12
Copyright©2006IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithout
notice.ISSIassumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelat-
estversionofthisdevicespecificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IS61WV102416ALL
IS61WV102416BLL
IS64WV102416BLL
1M x 16  HIGH-SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH 3.3V SUPPLY
MAY 2012
FEATURES
• High-speedaccesstimes:
8,10,20ns
• High-performance,low-powerCMOSprocess
• Multiplecenterpowerandgroundpinsforgreater
noiseimmunity
• EasymemoryexpansionwithCEandOEop-
tions
• CEpower-down
• Fullystaticoperation:noclockorrefresh
required
• TTLcompatibleinputsandoutputs
• Singlepowersupply
Vdd1.65Vto2.2V(IS61WV102416ALL)
speed=20nsforVdd1.65Vto2.2V
Vdd2.4Vto3.6V(IS61/64WV102416BLL)
speed=10nsforVdd2.4Vto3.6V
speed=8nsforVdd3.3V+5%
• Packagesavailable:
–48-ballminiBGA(9mmx11mm
)
–48-pinTSOP(TypeI)
• IndustrialandAutomotiveTemperatureSupport
• Lead-freeavailable
• Datacontrolforupperandlowerbytes
FUNCTIONALBLOCKDIAGRAM
DESCRIPTION
The
ISSIIS61WV102416ALL/BLLandIS64WV102416BLL
arehigh-speed,16M-bitstaticRAMsorganizedas1024K
wordsby16bits.Itisfabricatedusing
ISSI'shigh-perfor-
mance CMOS technology. This highly reliable process
coupledwithinnovativecircuitdesigntechniques,yields
high-performanceandlowpowerconsumptiondevices.
When CE is HIGH (deselected), the device assumes a
standbymodeatwhichthepowerdissipationcanbere-
duceddownwithCMOSinputlevels.
EasymemoryexpansionisprovidedbyusingChipEnable
andOutputEnableinputs,CEandOE.TheactiveLOW
WriteEnable(WE)controlsbothwritingandreadingofthe
memory.AdatabyteallowsUpperByte(UB)andLower
Byte(LB)access.
The device is packaged in the JEDEC standard 48-pin
TSOPTypeIand48-pinMiniBGA(9mmx11mm).
A0-A19
CE
OE
WE
1024K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IS64WV102416BLL-10MLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV102416BLL-10MA3 ISSI-IS64WV102416BLL-10MA3 Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64WV102416BLL-10MLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com