Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62WV5128ALL-70HI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS62WV5128ALL-70HI
Description  512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV5128ALL-70HI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS62WV5128ALL-70HI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. E
01/29/08
IS62WV5128ALL,
IS62WV5128BLL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
62WV5128ALL (1.65V-2.2V)
Symbol Parameter
TestConditions
Max.
Unit
70ns
ICC
VDDDynamicOperating
VDD=Max.,
Com.
25
mA
SupplyCurrent
IOUT = 0 mA, f = fMAX
Ind.
30
ICC1
OperatingSupply
VDD=Max.,
CS1=0.2V Com.
10
mA
Current
WE=VDD-0.2V
Ind.
10
f=1MHZ
ISB1
TTLStandbyCurrent
VDD=Max.,
Com.
0.35
mA
(TTLInputs)
VIN =VIH or VIL
Ind.
0.35
CS1=VIH,
f = 1 MHZ
ISB2
CMOSStandby
VDD=Max.,
Com.
15
µA
Current(CMOSInputs)
CS1
≥VDD–0.2V,
Ind.
15
VIN
≥VDD–0.2V,or
VIN
≤0.2V,f=0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
62WV5128BLL (2.5V - 3.6V)
Symbol Parameter
Test Conditions
Max.
Unit
55 ns
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
40
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
45
ICC1
Operating Supply
VDD = Max.,
CS1 = 0.2V Com.
15
mA
Current
WE = VDD-0.2V
Ind.
15
f=1MHZ
ISB1
TTL Standby Current
VDD = Max.,
Com.
0.35
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
0.35
CS1 = VIH,
f = 1 MHZ
ISB2
CMOS Standby
VDD = Max.,
Com.
15
µA
Current (CMOS Inputs)
CS1
≥ VDD – 0.2V,
Ind.
15
VIN
≥ VDD – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS62WV5128ALL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV5128ALL-70HI ISSI-IS62WV5128ALL-70HI Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62WV5128ALL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1048L PYRAMID-P4C1048L Datasheet
156Kb / 12P
   LOW POWER 512K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com