Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62WV5128ALL-70HI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS62WV5128ALL-70HI
Description  512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV5128ALL-70HI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS62WV5128ALL-70HI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV5128ALL-70HI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. E
01/29/08
IS62WV5128ALL,
IS62WV5128BLL
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
VDD
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -0.1 mA
1.65-2.2V
1.4
V
IOH = -1 mA
2.5-3.6V
2.2
V
VOL
Output LOW Voltage
IOL = 0.1 mA
1.65-2.2V
0.2
V
IOL = 2.1 mA
2.5-3.6V
0.4
V
VIH
Input HIGH Voltage
1.65-2.2V
1.4
VDD + 0.2
V
2.5-3.6V
2.2
VDD + 0.3
V
VIL(1)
Input LOW Voltage
1.65-2.2V
–0.2
0.4
V
2.5-3.6V
–0.2
0.6
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Notes:
1. VIL (min.) = –1.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.2 to VDD+0.3
V
VDD
VDD Related to GND
–0.2 to VDD+0.3
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
OPERATING RANGE (VDD)
Range
Ambient Temperature
IS62WV5128ALL
IS62WV5128BLL
Commercial
0°C to +70°C
1.65V - 2.2V
2.5V - 3.6V
Industrial
–40°C to +85°C
1.65V - 2.2V
2.5V - 3.6V


Similar Part No. - IS62WV5128ALL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV5128ALL-70HI ISSI-IS62WV5128ALL-70HI Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62WV5128ALL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1048L PYRAMID-P4C1048L Datasheet
156Kb / 12P
   LOW POWER 512K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com