Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV5128EDBLL-10KLA1 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS64WV5128EDBLL-10KLA1
Description  512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV5128EDBLL-10KLA1 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS64WV5128EDBLL-10KLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV5128EDBLL-10KLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. B
11/08/2011
1
2
3
4
5
6
7
8
9
10
11
12
IS61/64WV5128EDBLL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.5toVdd+0.5
V
Vdd
VddRelatestoGND
–0.3to4.0
V
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.0
W
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamageto
thedevice.Thisisastressratingonlyandfunctionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposuretoabsolute
maximumratingconditionsforextendedperiodsmayaffectreliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
Cin
InputCapacitance
Vin=0V
6
pF
C
i/O
Input/OutputCapacitance
VOut=0V
8
pF
Notes:
1.Testedinitiallyandafteranydesignorprocesschangesthatmayaffecttheseparameters.
2. Testconditions:Ta=25°C,f=1MHz,Vdd=3.3V.
ERROR DETECTION AND ERROR CORRECTION
• IndependentECCwithhammingcodeforeachbyte
• Detectandcorrectonebiterrorperbyte
• Betterreliabilitythanparitycodeschemeswhichcanonlydetectanerrorbutnotcorrectanerror
• BackwardCompatible:Dropinreplacementtocurrentinindustrystandarddevices(withoutECC)
TRUTH TABLE
Mode
CE
WE
OE
I/O Operation VDD Current
NotSelected
H
X
X
High-Z
isb1,isb2
(Power-down)
OutputDisabledL
H
H
High-Z
iCC
Read
L
H
L
dOut
iCC
Write
L
L
X
din
iCC
OPERATING RANGE (VDD)1
Range
Ambient Temperature
IS61WV5128EDBLL
IS64WV5128EDBLL
VDD (8, 10nS)
VDD (10nS)
Industrial
–40°Cto+85°C
2.4V-3.6V(10ns)
3.3V±10%(8ns)
Automotive(A1)
–40°Cto+85°C
2.4V-3.6V
Automotive(A3)
–40°Cto+125°C
2.4V-3.6V
Note:
1.ContactSRAM@issi.comfor1.8Voption


Similar Part No. - IS64WV5128EDBLL-10KLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV5128EDBLL ISSI-IS64WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
More results

Similar Description - IS64WV5128EDBLL-10KLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com