Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV25616AL-12TI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616AL-12TI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616AL-12TI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LV25616AL-12TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
12/15/2011
IS61LV25616AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (OverOperatingRange)
-10
-12
Symbol
Parameter
Min. Max.
Min. Max.
Unit
twc
WriteCycleTime
10
12
ns
tsce
CE
toWriteEnd
8
8
ns
taw
AddressSetupTimetoWriteEnd
8
8
ns
tHa
AddressHoldfromWriteEnd
0
0
ns
tsa
AddressSetupTime
0
0
ns
tPwb
LB
,UBValidtoEndofWrite
8
8
ns
tPwe1
WE
PulseWidth
8
8
ns
tPwe2
WE
PulseWidth(OE=LOW)
10
12
ns
tsD
DataSetuptoWriteEnd
6
6
ns
tHD
DataHoldfromWriteEnd
0
0
ns
tHzwe(2)
WE
LOWtoHigh-ZOutput
5
6
ns
tLzwe(2)
WE
HIGHtoLow-ZOutput
2
2
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof3nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0V
to3.0VandoutputloadingspecifiedinFigure1.
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. TheinternalwritetimeisdefinedbytheoverlapofCELOWandUBorLBandWELOW.Allsignalsmustbeinvalid
statestoinitiateaWrite,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtiming
arereferencedtotherisingorfallingedgeofthesignalthatterminatesthewrite.
tRC
tOHA
tAA
tDOE
tLZOE
tACE
tLZCE
tHZOE
HIGH-Z
DATA VALID
UB_CEDR2.eps
tHZB
ADDRESS
OE
CE
LB, UB
DOUT
tHZCE
tBA
tLZB
tRC
tPD
ISB
ICC
50%
VDD
Supply
Current
50%
tPU
READ CYCLE NO. 2(1,3)
Notes:
1. WEisHIGHforaReadCycle.
2. Thedeviceiscontinuouslyselected.OE,CE,UB,orLB=VIL.
3. AddressisvalidpriortoorcoincidentwithCELOWtransition.


Similar Part No. - IS61LV25616AL-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616AL-12TI ISSI-IS61LV25616AL-12TI Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616AL-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com