Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGL250V2-VQ144PP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # AGL250V2-VQ144PP
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL250V2-VQ144PP Datasheet(HTML) 2 Page - Microsemi Corporation

  AGL250V2-VQ144PP Datasheet HTML 1Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 2Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 3Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 4Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 5Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 6Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 7Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 8Page - Microsemi Corporation AGL250V2-VQ144PP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 250 page
background image
IGLOO Low Power Flash FPGAs
II
Revision 23
I/Os Per Package1
IGLOO Devices
AGL0152 AGL030 AGL060 AGL125
AGL250
AGL400
AGL600
AGL1000
ARM-Enabled
IGLOO Devices
M1AGL250
M1AGL600
M1AGL1000
Package
I/O Type3
QN48
–34
QN68
49
49
UC81
–66
CS81
–66
60
7
CS121
––
96
96
VQ100
–77
71
71
68
13
QN132
–81
80
84
87 5,6
19 5,6
––
CS196
––
133
143 5
35 5
143
35
FG144
––
96 7
97
97
24
97
25
97
25
97
25
FG2567
178
38
177
43
177
44
CS281
215
53
215
53
FG4847
194
38
235
60
300
74
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the IGLOO FPGA Fabric User’s Guide to
ensure compliance with design and board migration requirements.
2. AGL015 is not recommended for new designs.
3. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-
ended user I/Os available is reduced by one.
4. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
5. The M1AGL250 device does not support QN132 or CS196 packages.
6. Device/package support TBD.
7. FG256 and FG484 are footprint-compatible packages.
Table 1 • IGLOO FPGAs Package Sizes Dimensions
Package
UC81
CS81
CS121 QN48 QN68
QN132 CS196
CS281
FG144
VQ100
FG256
FG484
Length × Width
(mm\mm)
4 × 4
5 × 5
6 × 6
6 × 6
8 × 8
8 × 8
8 × 8
10 × 10 13 × 13 14 × 14 17 × 17 23 × 23
Nominal Area
(mm2)
16
25
36
36
64
64
64
100
169
196
289
529
Pitch (mm)
0.4
0.5
0.5
0.4
0.4
0.5
0.5
0.5
1.0
0.5
1.0
1.0
Height (mm)
0.80
0.80
0.99
0.90
0.90
0.75
1.20
1.05
1.45
1.00
1.60
2.23


Similar Part No. - AGL250V2-VQ144PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL250V2-VQ144PP ACTEL-AGL250V2-VQ144PP Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
More results

Similar Description - AGL250V2-VQ144PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com