Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NF25618-10TQ Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61NF25618-10TQ
Description  128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NF25618-10TQ Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61NF25618-10TQ Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NF25618-10TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
11/11/02
IS61NF12832
IS61NF12836
IS61NF25618
IS61NLF12832 IS61NLF12836 IS61NLF25618
ISSI®
ISSI reserves the right to make changes this specification herein and it products at any time without notice. ISSI assumes no responsibility or liability arising out of the application or use of any information,
product or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
© Copyright 2000, Integrated Silicon Solution, Inc
FEATURES
• 100 percent bus utilization
• No wait cycles between Read and Write
• Internal self-timed write cycle
• Individual Byte Write Control
• Single R/W (Read/Write) control pin
• Clock controlled, registered address,
data and control
• Interleaved or linear burst sequence control
using MODE input
• Three chip enables for simple depth expansion
and address pipelining for TQFP
• Power Down mode
• Common data inputs and data outputs
CKE pin to enable clock and suspend operation
• JEDEC 100-pin TQFP, 119 PBGA package
• Single +3.3V power supply (± 5%)
• NF Version: 3.3V I/O Supply Voltage
• NLF Version: 2.5V I/O Supply Voltage
• Industrial temperature available
DESCRIPTION
The 4 Meg 'NF' product family feature high-speed,
low-power synchronous static RAMs designed to provide
a burstable, high-performance, 'no wait' state, device for
network and communications customers. They are
organized as 131,072 words by 32 bits, 131,072 words
by 36 bits and 262,144 words by 18 bits, fabricated with
ISSI's advanced CMOS technology.
Incorporating a 'no wait' state feature, wait cycles are
eliminated when the bus switches from read to write, or
write to read. This device integrates a 2-bit burst counter,
high-speed SRAM core, and high-drive capability outputs
into a single monolithic circuit.
All synchronous inputs pass through registers are controlled
by a positive-edge-triggered single clock input. Operations
may be suspended and all synchronous inputs ignored
when Clock Enable,
CKE is HIGH. In this state the internal
device will hold their previous values.
All Read, Write and Deselect cycles are initiated by the
ADV input. When the ADV is HIGH the internal burst
counter is incremented. New external addresses can be
loaded when ADV is LOW.
Write cycles are internally self-timed and are initiated by
the rising edge of the clock inputs and when
WE is LOW.
Separate byte enables allow individual bytes to be written.
A burst mode pin (MODE) defines the order of the burst
sequence. When tied HIGH, the interleaved burst sequence
is selected. When tied LOW, the linear burst sequence is
selected.
128K x 32, 128K x 36 and 256K x 18
FLOW-THROUGH 'NO WAIT' STATE BUS
SRAM
NOVEMBER 2002
FAST ACCESS TIME
Symbol
Parameter
-8.5
-9
-10
Units
tKQ
Clock Access Time
8.5
9
10
ns
tKC
Cycle Time
10
12
12
ns
Frequency
100
83
83
MHz


Similar Part No. - IS61NF25618-10TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
IS61NF25636 ISSI-IS61NF25636 Datasheet
155Kb / 20P
   SRAM
More results

Similar Description - IS61NF25618-10TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com