Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV25616ALL-20BI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616ALL-20BI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616ALL-20BI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61WV25616ALL-20BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20BI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. G
07/15/2010
IS61WV25616ALL/ALS, IS61WV25616BLL/BLS,
IS64WV25616BLL/BLS
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-25
-35
-45
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
20
20
15
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
25
25
20
Auto.
50
50
40
typ.(2)
11
ICC1
Operating
VDD = Max.,
Com.
10
10
10
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
12
12
12
Auto.
20
20
20
ISB1
TTL Standby Current
VDD = Max.,
Com.
5
5
5
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
7
7
7
CE
≥ VIH, f = 0
Auto.
10
10
10
ISB2
CMOS Standby
VDD = Max.,
Com.
1
1
1
mA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
2
2
2
VIN
≥ VDD – 0.2V, or
Auto.
10
10
10
VIN
≤ 0.2V, f = 0
typ.(2)
0.2
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested.
OPERATING RANGE (VDD) (IS61WV25616BLS)
Range
Ambient Temperature
VDD (25 nS)
Commercial
0°C to +70°C
2.4V-3.6V
Industrial
–40°C to +85°C
2.4V-3.6V
LOW POWER (IS61WV25616ALS/BLS)
OPERATING RANGE (VDD) (IS61WV25616ALS)
Range
Ambient Temperature
VDD
Speed
Commercial
0°C to +70°C
1.65V-2.2V
45ns
Industrial
–40°C to +85°C
1.65V-2.2V
45ns
Automotive
–40°C to +125°C
1.65V-2.2V
45ns
OPERATING RANGE (VDD) (IS64WV25616BLS)
Range
Ambient Temperature
VDD (35 nS)
Automotive
–40°C to +125°C
2.4V-3.6V


Similar Part No. - IS61WV25616ALL-20BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL/ALS ISSI-IS61WV25616ALL/ALS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV25616ALL-20BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com