Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM-135-04-L-SV Datasheet(PDF) 2 Page - Samtec, Inc

Part # TSM-135-04-L-SV
Description  SMT .025" SQ POST HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TSM-135-04-L-SV Datasheet(HTML) 2 Page - Samtec, Inc

  TSM-135-04-L-SV Datasheet HTML 1Page - Samtec, Inc TSM-135-04-L-SV Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSM–115–01–T–SH–A
TSM–118–01–L–DH
TSM–110–01–T–DV
WWW.SAMTEC.COM
OTHER OPTIONS
–LC
= Locking Clip
(N/A with –TM)
(3 positions min.)
(N/A with –A)
(Manual placement
required)
–M
= Metal Pick & Place Pad
(4 positions minimum
without –TR)
(2 & 3 positions
available with –TR)
Styles –01 & –04 only
(N/A with -T plating)
–DV
–TR
= Tape & Reel Packaging
–SV = 02-22 positions
–DV = 02-28 positions
–SH = 02-30 positions
–DH = 02-29 positions
N/A with –MT or –TM
–A
= Alignment Pin
metal or plastic at
Samtec discretion
(Not available
with –TM or –MT)
(02 positions min.)
(N/A with –LC)
–“XXX”
= Polarized
Position
02 thru 30 positions only
–K
= (6,50 mm) .256"
DIA Polyimide
Film Pick &
Place Pad
(–SH: 4 positions
minimum without
–TR; 2 & 3 positions
available with –TR)
(–DH: 4 positions
minimum
without –TR)
–TM
= Triple Row Vertical Mixed Technology (Style –01 only)
–MT
= Mixed Technology Pin
(Style –01, –02 or –03 only)
–P
=Plastic Pick & Place Pad
(–DV: 4 positions minimum
without –TR; 2 & 3 positions
available with –TR)
(–SH: 4 positions
minimum without –TR;
2 & 3 positions available
with –TR)
(–DH: 5 positions minimum
without –TR)
(–SV: 4 positions
minimum without –TR;
2 & 3 positions
available with –TR)
–SH & –DH
(5,71)
.225
X
(4,16)
.164
(6,86)
.270
(10,16)
.400
x
(4,06)
.160
(6,35)
.250
x
(7,62)
.300
(1,27)
.050
OVERALL
PIN
(OAL)
BOARD
SPACE
SOCKET
PROFILE
POST
Board
Stacking
STACKER
HEIGHT
APPLICATION SPECIFIC OPTIONS
Edge Mount and Locking Clips for –SV,
Solder Locks for –DH and Shrouds for –DV.
Call Samtec.
(2,54) .100 X No. of positions
(2,54)
.100 (7,62)
.300
(2,54) .100
(0,64) .025 SQ
01
88
90
03
(3,56)
.140
Post
Height
(11,43)
.450
TAPE & REEL
AVAILABILITY
Call Samtec
for specifications
and ordering
information.
No tooling charges.
Minimum
order is the lesser
of
a full reel quantity
or 125 pieces.
Order any quantity
above minimum.
In-house design,
manufacture.
Quick turn-around.
–SV
(7,87)
.310
(0,64)
.025
(2,54) .100 x No. of positions
(No. of positions x
(2,54) .100) – (5,08) .200
(1,58)
.062
(2,54)
.100
(6,10)
.240
Post
Height
(1,40)
.055
DIA(2)
Optional
Alignment
Pin (–A)
01
02
71
72
(1,78)
.070
(2,54)
.100
(2,54)
.100
(1,52)
.060
(2,29)
.090
(1,16) .046


Similar Part No. - TSM-135-04-L-SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-135-04-L-SV-A ETC1-TSM-135-04-L-SV-A Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-M ETC1-TSM-135-04-L-SV-M Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-P ETC1-TSM-135-04-L-SV-P Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-TR ETC1-TSM-135-04-L-SV-TR Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-XX ETC1-TSM-135-04-L-SV-XX Datasheet
795Kb / 2P
   TERMINAL STRIPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com