Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM-135-04-L-SV Datasheet(PDF) 1 Page - Samtec, Inc

Part # TSM-135-04-L-SV
Description  SMT .025" SQ POST HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TSM-135-04-L-SV Datasheet(HTML) 1 Page - Samtec, Inc

  TSM-135-04-L-SV Datasheet HTML 1Page - Samtec, Inc TSM-135-04-L-SV Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(2,54 mm) .100"
TSM SERIES
TSM–116–02–S–DV–LC
TSM–118–01–T–SV
WWW.SAMTEC.COM
–SH
= Single Row
Horizontal Pin
Mates with:
SSW, SSQ, SSM, BSW,
ESW, ESQ, BCS, SLW,
CES, HLE, IDSS, IDSD,
SMSD, SMSS
PLATING
OPTION
Note: Some lengths,
styles and options are
non-standard, non-returnable.
1
NO. PINS
PER ROW
LEAD
STYLE
–SV
= Single Row Vertical Pin
–DV
= Double Row Vertical Pin
TSM
–01
–02
–03
–04
Post
Height
–DH
= Double Row Horizontal Pin
(Style –01, –02 or –03 only)
= .230" (5,84 mm) Post Height
(Mates with SSW, BCS, SSM, IDSS, IDSD)
= .320" (8,13 mm) Post Height
(Mates with SSM -DH)
= .420" (10,67 mm) Post Height
(For Bottom Mount & Pass Through)
=
.120" (3,05 mm) Post Height
(Mates with SLW, CES, HLE)
02 thru 36
ROW
OPTION
F-213-1
HORIZONTAL
APPLICATIONS
SSM
TSM
For complete specifications and
recommended PCB layouts
see www.samtec.com?TSM
Insulator Material:
Black Liquid
Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Operating Temp Range:
-55°C to +105°C with Tin;
-55°C to +125°C with Gold
Voltage Rating:
475 VAC -SV/-DV mated with
BCS or SSM
RoHS Compliant:
Yes
Lead–Free Solderable:
Yes
-DH/-SH Lead Coplanarity:
(0,15 mm) .006" max (02-36)
-DV/-SV Lead Coplanarity:
(0,10 mm) .004" max (02-05)
(0,13 mm) .005" max (06-10)
(0,15 mm) .006" max (11-36)
(2,54) .100 x No. of positions
(2,54)
.100
(2,54)
.100
(0,64)
.025
SQ
(1,14)
.045
REF
(3,81)
.150
(2,54)
.100
Post
Height
36
01
(7,87)
.310
(0,64)
.025
(2,54) .100 x No. of positions
(No. of positions x
(2,54) .100) – (5,08) .200
(1,58)
.062
(2,54)
.100
(6,10)
.240
Post
Height
(1,40)
.055
DIA(2)
Optional
Alignment
Pin (–A)
01
02
71
72
(1,78)
.070
(2,54)
.100
(2,54)
.100
(1,16) .046
(3,68)
.145
(2,54) .100 x No. of positions
(No. of positions x (2,54) .100)
– (5,08) .200
(1,58)
.062
DIA
(2)
Optional Alignment Pin (–A)
(3,05)
.120
(0,64)
.025
SQ
(2,03)
.080
(2,54)
.100
Post
Height
36
01
(1,40)
.055
(1,78)
.070
–01= (4,57) .180
–02, –03, –04 = (4,82) .190
(2,54) .100 x No. of positions
(2,54)
.100
(5,08)
.200
(2,54) .100
(0,64) .025 SQ
(No. of positions -2) x (2,54) .100)
(1,58) .062 DIA
(2,54)
.100
(1,14)
.045
REF
(3,81)
.150
Post
Height
–LC Option
01
71
72
02
–A Option
(2,54)
.100
(2,79)
.110
SPECIFICATIONS
Note: Other Gold plating
options available.
Contact Samtec.
SMT .025" SQ POST HEADER
–F
–L
–S
–T
= Gold flash on post,
Matte Tin on tail
= 10µ" (0,25 µm) Gold on post,
Matte Tin on tail
= 30µ" (0,76 µm) Gold on post,
Matte Tin on tail
= Matte Tin
AMBIENT
TEMP
CURRENT
RATING
(PER CONTACT)
20°C
7A
40°C
6A
60°C
4A
80°C
3A


Similar Part No. - TSM-135-04-L-SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-135-04-L-SV-A ETC1-TSM-135-04-L-SV-A Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-M ETC1-TSM-135-04-L-SV-M Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-P ETC1-TSM-135-04-L-SV-P Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-TR ETC1-TSM-135-04-L-SV-TR Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-135-04-L-SV-XX ETC1-TSM-135-04-L-SV-XX Datasheet
795Kb / 2P
   TERMINAL STRIPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com