Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV25616BLL-10TLI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616BLL-10TLI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616BLL-10TLI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61WV25616BLL-10TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. G
07/15/2010
IS61WV25616ALL/ALS, IS61WV25616BLL/BLS,
IS64WV25616BLL/BLS
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 2.4V-3.6V
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –1.0 mA
1.8
V
VOL
Output LOW Voltage
VDD = Min., IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VDD + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Note:
1. VIL (min.) = –0.3V DC; VIL (min.) = –2.0V AC (pulse width < 10 ns). Not 100% tested.
VIH (max.) = VDD + 0.3V DC; VIH (max.) = VDD + 2.0V AC (pulse width < 10 ns). Not 100% tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 3.3V + 5%
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2
VDD + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Note:
1. VIL (min.) = –0.3V DC; VIL (min.) = –2.0V AC (pulse width < 10 ns). Not 100% tested.
VIH (max.) = VDD + 0.3V DC; VIH (max.) = VDD + 2.0V AC (pulse width < 10 ns). Not 100% tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 1.65V-2.2V
Symbol
Parameter
Test Conditions
VDD
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -0.1 mA
1.65-2.2V
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
1.65-2.2V
0.2
V
VIH
Input HIGH Voltage
1.65-2.2V
1.4
VDD + 0.2
V
VIL(1)
Input LOW Voltage
1.65-2.2V
–0.2
0.4
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Note:
1. VIL (min.) = –0.3V DC; VIL (min.) = –2.0V AC (pulse width < 10 ns). Not 100% tested.
VIH (max.) = VDD + 0.3V DC; VIH (max.) = VDD + 2.0V AC (pulse width < 10 ns). Not 100% tested.


Similar Part No. - IS61WV25616BLL-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616BLL/BLS ISSI-IS61WV25616BLL/BLS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV25616BLL-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com