Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46DR16128-3DBLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46DR16128-3DBLA1
Description  2Gb (x16) DDR2 SDRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16128-3DBLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46DR16128-3DBLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
IS43/46DR16128
Integrated Silicon Solution, Inc. – www.issi.com –
1
Rev. B, 09/6/2012
2Gb (x16) DDR2 SDRAM
FEATURES
• Clock frequency up to 333MHz (667 MT/s Data Rate)
• 8 internal banks for concurrent operation
• 4-bit prefetch architecture
• Programmable CAS Latency: 3, 4, 5, 6 and 7
• Programmable Additive Latency: 0, 1, 2, 3, 4, 5 and 6
• Write Latency = Read Latency-1
• Programmable Burst Sequence: Sequential or
Interleave
• Programmable Burst Length: 4 and 8
• Automatic and Controlled Precharge Command
• Power Down Mode
• Auto Refresh and Self Refresh
• Refresh Interval: 7.8 µs (8192 cycles/64 ms)
• OCD (Off-Chip Driver Impedance Adjustment)
• ODT (On-Die Termination)
• Weak Strength Data-Output Driver Option
• Bidirectional differential Data Strobe (Single-ended
data-strobe is an optional feature)
• On-Chip DLL aligns DQ and DQs transitions with CK
transitions
• DQS# can be disabled for single-ended data strobe
• Differential clock inputs CK and CK#
• VDD and VDDQ = 1.8V ± 0.1V
• PASR (Partial Array Self Refresh)
• SSTL_18 interface
• tRAS lockout supported
• Operating temperature:
Commercial (TA = 0°C to 70°C ; TC = 0°C to 85°C)
Industrial (TA = -40°C to 85°C; TC = -40°C to 95°C)
2
Automotive, A1 (TA = -40°C to 85°C; TC = -40°C to 95°C)
2
Automotive, A2 (TA = -40°C to 105°C; TC = -40°C to 105°C)
2
OPTIONS
• Configuration:
− 128Mx16 (two stacked 16M x 8 x8 banks)
• Package:
− 84-ball FBGA
ADDRESS TABLE
Parameter
128Mx16
Row Addressing
A0-A13
Column Addressing
A0-A9
Bank Addressing
BA0-BA2
Precharge Addressing
A10
Clock Cycle Timing
-37C
-3D
Units
Speed Grade
DDR2-533C
DDR2-667D
CL-tRCD-tRP
4-4-4
5-5-5
tCK
tCK (CL=3)
5
5
ns
tCK (CL=4)
3.75
3.75
ns
tCK (CL=5)
3.75
3
ns
tCK (CL=6)
3.75
3
ns
tCK (CL=7)
3.75
3
ns
Frequency (max)
266
333
MHz
Note:
1.
The -37C device specifications is shown for reference only.
2.
Please contact ISSI for availability of Automotive parts.
SEPTEMBER 2012
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS46DR16128-3DBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16128A ISSI-IS46DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
More results

Similar Description - IS46DR16128-3DBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128 ISSI-IS43DR16128 Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
logo
Hynix Semiconductor
H5PS2G43AFR HYNIX-H5PS2G43AFR Datasheet
521Kb / 40P
   2Gb DDR2 SDRAM
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com