Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S16400F-6TL Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IC42S16400F-6TL
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IC42S16400F-6TL Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IC42S16400F-6TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IC42S16400F-6TL Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. A
03/19/08
IS42S16400F
IC42S16400F
TRUTH TABLE – CURRENT STATE BANK n, COMMAND TO BANK m (1-6)
CURRENTSTATE
COMMAND(ACTION)
CS RAS CAS WE
Any
COMMANDINHIBIT(NOP/Continuepreviousoperation)
H
X
X
X
NOOPERATION(NOP/Continuepreviousoperation)
L
H
H
H
Idle
AnyCommandOtherwiseAllowedtoBankm
X
X
X
X
Row
ACTIVE(Selectandactivaterow)
L
L
H
H
Activating,
READ(SelectcolumnandstartREADburst)(7)
L
H
L
H
Active,or
WRITE(SelectcolumnandstartWRITEburst)(7)
L
H
L
L
Precharging
PRECHARGE
L
L
H
L
Read
ACTIVE(Selectandactivaterow)
L
L
H
H
(Auto
READ(SelectcolumnandstartnewREADburst)(7,10)
L
H
L
H
Precharge
WRITE(SelectcolumnandstartWRITEburst)(7,11)
L
H
L
L
Disabled)
PRECHARGE(9)
L
L
H
L
Write
ACTIVE(Selectandactivaterow)
L
L
H
H
(Auto
READ(SelectcolumnandstartREADburst)(7,12)
L
H
L
H
Precharge
WRITE(SelectcolumnandstartnewWRITEburst)(7,13)
L
H
L
L
Disabled)
PRECHARGE(9)
L
L
H
L
Read
ACTIVE(Selectandactivaterow)
L
L
H
H
(WithAuto
READ(SelectcolumnandstartnewREADburst)(7,8,14)
L
H
L
H
Precharge)
WRITE(SelectcolumnandstartWRITEburst)(7,8,15)
L
H
L
L
PRECHARGE(9)
L
L
H
L
Write
ACTIVE(Selectandactivaterow)
L
L
H
H
(WithAuto
READ(SelectcolumnandstartREADburst)(7,8,16)
L
H
L
H
Precharge)
WRITE(SelectcolumnandstartnewWRITEburst)(7,8,17)
L
H
L
L
PRECHARGE(9)
L
L
H
L
NOTE:
1.ThistableapplieswhenCKEn-1wasHIGHandCKEnisHIGH(TruthTable-CKE)andaftertxsr has been met (if the previ-
ous state was self refresh).
2.Thistabledescribesalternatebankoperation,exceptwherenoted;i.e.,thecurrentstateisforbankn and the commands
shown are those allowed to be issued to bank m (assuming that bank m is in such a state that the given command is allowable).Excep-
tions are covered in the notes below.
3. Current state definitions:
Idle:Thebankhasbeenprecharged,andtrp has been met.
RowActive:Arowinthebankhasbeenactivated,andtrcD has been met. No data bursts/accesses and no register
accesses are in progress.
Read:AREADbursthasbeeninitiated,withautoprechargedisabled,andhasnotyetterminatedorbeentermi-
nated.
Write:AWRITEbursthasbeeninitiated,withautoprechargedisabled,andhasnotyetterminatedorbeentermi-
nated.
Readw/Auto
PrechargeEnabled:StartswithregistrationofaREADcommandwithautoprechargeenabled,andendswhentrp has been
met.Oncetrp is met, the bank will be in the idle state.
Write w/Auto
PrechargeEnabled:StartswithregistrationofaWRITEcommandwithautoprechargeenabled,andendswhentrp has been
met.Oncetrp is met, the bank will be in the idle state.
4.AUTOREFRESH,SELFREFRESHandLOADMODEREGISTERcommandsmayonlybeissuedwhenallbanksareidle.
5.ABURSTTERMINATEcommandcannotbeissuedtoanotherbank;itappliestothebankrepresentedbythecurrentstate
only.
6. All states and sequences not shown are illegal or reserved.
7.READsorWRITEstobankmlistedintheCommand(Action)columnincludeREADsorWRITEswithautoprechargeenabled
andREADsorWRITEswithautoprechargedisabled.


Similar Part No. - IC42S16400F-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BG ICSI-IC42S16400-6BG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BIG ICSI-IC42S16400-6BIG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6T ICSI-IC42S16400-6T Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6TG ICSI-IC42S16400-6TG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400F-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com