Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-SNDI Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2R-1-SNDI
Description  Slim and Space-saving Power Plug-in Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-SNDI Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2R-1-SNDI Datasheet HTML 1Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 2Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 3Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 4Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 5Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 6Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 7Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 8Page - Omron Electronics LLC G2R-1-SNDI Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
G2R-
@-S
Engineering Data
Maximum Switching Power
Plug-in Relays
Endurance
Plug-in Relays
Ambient Temperature vs Maximum Coil Voltage
100
10
1
0.1
1
10
100
1000
100
10
1
0.1
1
10
100
1000
G2R-1-S
Switching voltage (V)
G2R-2-S
Switching voltage (V)
AC inductive load
(cos
φ = 0.4)
AC resistive
load
DC resistive
load
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
φ = 0.4)
AC resistive
load
DC resistive
load
DC inductive load
(L/R = 7 ms)
5,000
1,000
500
100
50
5,000
1,000
500
100
50
10,000
G2R-1-S
Switching current (A)
G2R-2-S
Switching current (A)
30-VDC inductive load (L/R = 7ms)
30-VDC inductive load (L/R = 7ms)
250-VAC/30-VDC
resistive load
250-VAC inductive load
(cos
φ = 0.4)
250-VAC/30-VDC
resistive load
250-VAC
inductive load
(cos
φ = 0.4)
Ambient temperature (
°C)
Note: The maximum voltage refers to the maximum
value in a varying range of operating power
voltage, not a continuous voltage.
DC coil
AC coil


Similar Part No. - G2R-1-SNDI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-SNDI OMRON-G2R-1-SNDI Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-SNDI OMRON-G2R-1-SNDI Datasheet
787Kb / 12P
   General-purpose Relay
G2R-1-SNDI OMRON-G2R-1-SNDI Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNDI OMRON-G2R-1-SNDI Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNDIS OMRON-G2R-1-SNDIS Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
More results

Similar Description - G2R-1-SNDI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
M-System Co.,Ltd.
FLM MSYSTEM-FLM Datasheet
114Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FJF MSYSTEM-FJF Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FJDL MSYSTEM-FJDL Datasheet
134Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDU MSYSTEM-FDU Datasheet
101Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FCRS MSYSTEM-FCRS Datasheet
113Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FLC MSYSTEM-FLC Datasheet
103Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com