Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-E Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G2R-1-E
Description  Creepage distance of 8.0 mm min. between coil and con tact.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-E Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G2R-1-E Datasheet HTML 4Page - Omron Electronics LLC G2R-1-E Datasheet HTML 5Page - Omron Electronics LLC G2R-1-E Datasheet HTML 6Page - Omron Electronics LLC G2R-1-E Datasheet HTML 7Page - Omron Electronics LLC G2R-1-E Datasheet HTML 8Page - Omron Electronics LLC G2R-1-E Datasheet HTML 9Page - Omron Electronics LLC G2R-1-E Datasheet HTML 10Page - Omron Electronics LLC G2R-1-E Datasheet HTML 11Page - Omron Electronics LLC G2R-1-E Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Power PCB Relay
G2R
219
■ Approvals
UL Recognized (File No. E41643) / CSA Certified (File No. 31928)
Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
Type
Coil rating
Contact ratings
Number of test operations
G2R-1(A)
G2R-1(A)4
G2R-1(A)-H
3 to 110 VDC
3 to 240VAC
10A , 30 VDC (Resistive), 40
° C
100 x 103
10A , 250 VAC (General purpose), 40
° C
10A , 277 VAC (General purpose), 40
° C
6 x 103
TV-3 , 120 VAC (N.O. contact) , 40
° C
600WT, 120VAC (Tungsten), 40
° C
25 x 103
1/3 HP , 125 VAC (N.O. contact), 70
° C
30 x 103
1/2 HP , 277 VAC , 40
° C
6 x 103
TV-8 , 120 VAC (N.O. contact , ASI contacts), 40
° C
25 x 103
B300 (Poilot duty), 60
° C
30 x 103
G2R-1(A)-E
3 to 110 VDC
3 to 240VAC
16A , 30 VDC (Resistive), 40
° C
6 x 103
16A , 250 VAC (General purpose), 40
° C
30 x 103
360 WT , 120 VAC (Tungsten), 40
° C
25 x 103
TV-3 , 120 VAC , 40
° C
1HP , 240 VAC, 40
° C
6 x 103
TV-8 , 120 VAC (N.O. contact), 40
° C
25 x 103
G2R-2(A)
G2R-2(A)4
G2R-2(A)-H
3 to 110 VDC
3 to 240VAC
10A , 30 VDC (Resistive), 40
° C
50 x 103
10A , 277 VAC (General purpose), 40
° C
20 x 103
5A , 250 VAC (General purpose), 70
° C
100 x 103
TV-3 , 120 VAC (N.O. contact), 40
° C
25 x 103
1/6 HP , 120 VAC, 40
° C
6 x 103
1/3 HP , 265 VAC, 40
° C
30 x 103
250 VA , 120 VAC (Pilot duty), 70
° C
B300 (Poilot duty), 40
° C
6 x 103
G2RK-1(A)
3 to 24 VDC
10A , 30 VDC (Resistive), 40
° C
6 x 103
10A , 250 VAC (General use), 40
° C
TV-3 (N.O. contact), 40
° C
25 x 103
1/2 HP , 250 VAC, 40
° C
6 x 103
A300 (Pilot duty), 40
° C
G2RK-2(A)
3 to 24 VDC
5A , 30 VDC (Resistive), 40
° C
6 x 103
5A , 250 VAC (General use), 40
° C
TV-3 (N.O. contact), 40
° C
25 x 103
1/6 HP , 120 VAC, 40
° C
6 x 103
1/3 HP , 240 VAC, 40
° C
B300 (Pilot duty), 40
° C


Similar Part No. - G2R-1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E OMRON-G2R-1-E Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-E OMRON-G2R-1-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con - tact.
logo
Kersemi Electronic Co.,...
IRFI540G KERSEMI-IRFI540G Datasheet
1Mb / 7P
   Sink to Lead Creepage Distance = 4.8 mm
IRFI530G KERSEMI-IRFI530G Datasheet
1Mb / 7P
   Sink to Lead Creepage Distance = 4.8 mm
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
   HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
   HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
logo
DinTek Semiconductor Co...
DTS6401 DINTEK-DTS6401 Datasheet
3Mb / 10P
   Power MOSFET Sink to Lead Creepage Distance = 4.8 mm
logo
Bourns Electronic Solut...
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
   HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
logo
Sharp Corporation
PC121 SHARP-PC121 Datasheet
387Kb / 6P
   LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC110L SHARP-PC110L Datasheet
98Kb / 6P
   Long Creepage Distance Type Photocoupler
logo
Murata Manufacturing Co...
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01 Datasheet
177Kb / 2P
   Distance between external terminals g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com