Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-DC200B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E32-DC200B
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-DC200B Datasheet(HTML) 2 Page - Omron Electronics LLC

  E32-DC200B Datasheet HTML 1Page - Omron Electronics LLC E32-DC200B Datasheet HTML 2Page - Omron Electronics LLC E32-DC200B Datasheet HTML 3Page - Omron Electronics LLC E32-DC200B Datasheet HTML 4Page - Omron Electronics LLC E32-DC200B Datasheet HTML 5Page - Omron Electronics LLC E32-DC200B Datasheet HTML 6Page - Omron Electronics LLC E32-DC200B Datasheet HTML 7Page - Omron Electronics LLC E32-DC200B Datasheet HTML 8Page - Omron Electronics LLC E32-DC200B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Choose the model that suits the installation space from a
wide variety of shapes and sizes.
A Wide Variety of Shapes for
Adapting to Different Installation
Locations
Flexible, Pliable Fiber
That Can Be Handled Like Wire
First, Our Standard Lineup
First, Our Standard Lineup
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces
and positioning.
Flat model
You will certainly appreciate the ease of use that flexible fiber ensures.
Flexible fiber
Conventional fiber
Detect Workpieces in Tight Spaces
Custom-produced Sleeves
Length Can Be Specified in 1-m Units
Saving Energy and Work
Space Savings and Simple Mounting
Flat Models
Models with sleeves
Standard Models
Standard Models
P6
Detection with Increased Reliability
Special-beam Models
Fiber Units for the Food-packaging,
Semiconductor, and FPD Industries
High Resistance to External
Conditions with Fiber
Environment-resistive Models
Application-corresponding Models
Flat models that allow simple
screw mounting and
straightforward wiring have been
added to the lineup. Using these
models eliminates the problem
of fibers getting caught on
surrounding objects.
Models with sleeves allow
detection in tight spaces. We will
perform the time-consuming
task of fashioning the sleeve,
with a length and bends to suit
the space (except for ultrafine
sleeves).
We have developed a broad range of fibers to meet a wide
variety of needs. Multicore (flexible) fiber is a new type of
standard fiber that can be used like wire without worrying
about the bending radius. We have also produced fiber that
will not break when used in moving parts and fiber that is
not degraded by contact with oil.
We will produce fiber of the required length (in meter
units). For large-scale installations, specifications of up
to 20 m can be handled. (Specifications of 0.3 m and
0.5 m are also possible.)
Screw-shaped
Cylindrical
Flat
Equipped with sleeve
Right angle


Similar Part No. - E32-DC200B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-DC200B OMRON-E32-DC200B Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-DC200B OMRON-E32-DC200B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-DC200B OMRON-E32-DC200B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-DC200B OMRON-E32-DC200B Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-DC200B4 OMRON-E32-DC200B4 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E32-DC200B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-G14 OMRON-E32-G14 Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com