Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-DC200B Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E32-DC200B
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-DC200B Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E32-DC200B Datasheet HTML 5Page - Omron Electronics LLC E32-DC200B Datasheet HTML 6Page - Omron Electronics LLC E32-DC200B Datasheet HTML 7Page - Omron Electronics LLC E32-DC200B Datasheet HTML 8Page - Omron Electronics LLC E32-DC200B Datasheet HTML 9Page - Omron Electronics LLC E32-DC200B Datasheet HTML 10Page - Omron Electronics LLC E32-DC200B Datasheet HTML 11Page - Omron Electronics LLC E32-DC200B Datasheet HTML 12Page - Omron Electronics LLC E32-DC200B Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
Overview of Model Variations
Note 1. The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
2. These symbols are defined as follows.
: Flexible fiber,
: Bendable fiber,
: Fluorine-coated fiber.
Type
(See note 2.)
Flexible (New Standard)
Standard
Break-resistant
Fluorine coating
Shape of head
[For dimensions, refer to page 40.]
Flexible and pliable
Withstands repeated
bending
Cable protected against
oil
M6
170
E32-D11N
M6
170
E32-C11N
M3
25
E32-C31N
Screw-shaped
(top-view)
M6
170
300
170
170
E32-D11R
E32-DC200
E32-D11
E32-D11U
M3
30
80
30
E32-D21R
E32-DC200E
E32-D21
(with sleeve)
M6
(2.5-dia.
sleeve)
170
300
E32-DC200BR
E32-DC200B
M3
(1.2-dia.
sleeve)
30
80
E32-DC200FR
E32-DC200F
Cylindrical
(top-view)
3 dia.
170
230
70
E32-D12R
E32-D12
E32-D221B
3 dia.
(1.5 dia.)
30
80
30
E32-D22R
E32-D22
E32-D22B
(side-view)
6 dia.
45
110
E32-D14LR
E32-D14L
2 dia.
15
30
E32-D24R
E32-D24
Flat
(top-view)
15
× 10 × 3
170
300
170
E32-D15XR
E32-D15X
E32-D15XB
12
× 7 × 230
80
50
E32-D25X
E32-D25X
E32-D25XB
(side-view)
15
× 10 × 3
40
100
E32-D15YR
E32-D15Y
12
× 8 × 28
20
E32-D25YR
E32-D25Y
(flat-view)
15
× 10 × 3
40
100
E32-D15ZR
E32-D15Z
12
× 8 × 28
20
E32-D25ZR
E32-D25Z
Standard Models
Fiber Units with Reflective Sensors
R
B
(Cross section)
Fluororesin coating
U
R
B
U
Sensing distance (mm)
(See note 1)
Model


Similar Part No. - E32-DC200B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-DC200B OMRON-E32-DC200B Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-DC200B OMRON-E32-DC200B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-DC200B OMRON-E32-DC200B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-DC200B OMRON-E32-DC200B Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-DC200B4 OMRON-E32-DC200B4 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E32-DC200B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-G14 OMRON-E32-G14 Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com