Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-A51 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3X-A51
Description  Fiber-Optic Photoelectric Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-A51 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3X-A51 Datasheet HTML 7Page - Omron Electronics LLC E3X-A51 Datasheet HTML 8Page - Omron Electronics LLC E3X-A51 Datasheet HTML 9Page - Omron Electronics LLC E3X-A51 Datasheet HTML 10Page - Omron Electronics LLC E3X-A51 Datasheet HTML 11Page - Omron Electronics LLC E3X-A51 Datasheet HTML 12Page - Omron Electronics LLC E3X-A51 Datasheet HTML 13Page - Omron Electronics LLC E3X-A51 Datasheet HTML 14Page - Omron Electronics LLC E3X-A51 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
12
E3X
E3X
12
s EXTERNAL DIAGNOSTIC INPUT FUNCTION
With this function, light projection can be stopped when desired.
The operation of the sensor can be checked with this function
before the E3X is placed into actual operation.
E3X-F❏❏/-VG❏❏
E3X-A❏❏
Light is emitted from the projection fiber head when the self-
diagnostic inputs is ON. The sensor, however, will not operate.
NPN Type
No light is emitted from the projection fiber head when self-
diagnostic input is ON.
s SPECIAL FIBER UNITS
The following special accessories are available (order
separately). Contact your OMRON representative for the details.
Light projection
stops
Brown (+V)
Brown (+V)
Brown (+V)
Brown (+V)
Blue (0 V)
Blue (0 V)
Blue (0 V)
Blue (0 V)
Light
PNP Type
Light projection
stops
Light
OFF
OFF
ON
ON
Pink
(external-
check
input)
Pink
(external-
check
input)
Pink
(external-
check
input)
Pink
(external-
check
input)
Fiber Units with Special Length of Stainless Steel Tube
Fiber with different lengths of stainless steel tubes are available.
Applicable Models
E32-TC200F (tube with 0.9 dia.)
E32-TC200B/DC200F (tube with 1.2 dia.)
E32-DC200B (tube with 2.5 dia.)
Appearance
The length can be ordered in increments of 10 mm between
10 mm min. and 120 mm max.
Tolerance:
±1.0 mm if L is 40 mm or less and ±2.0 if L is more
than 40 mm. (Note that standard Fiber Units have a 90-mm or
40-mm long stainless steel tube.)
External-diagnostic input
(between blue and pink)
Short
Open
ON
OFF
ON
OFF
LED for light projection
Indicator
By short-circuiting the brown and pink cords, light projection can
be stopped (with a short-circuit current of 0.2 mA max.).
L
By short-circuiting the pink and blue cords, light projection can be
stopped (with a short-circuit current of 0.2 mA max.).
External-diagnostic input
(between blue and pink)
Short
Open
ON
OFF
ON
OFF
LED for light projection
Indicator


Similar Part No. - E3X-A51

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-A51 OMRON-E3X-A51 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E3X-A51

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
List of Unclassifed Man...
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
logo
Omron Electronics LLC
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com