Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-2E4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3S-2E4
Description  Photoelectric Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-2E4 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3S-2E4 Datasheet HTML 4Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 5Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 6Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 9Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 10Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 11Page - Omron Electronics LLC E3S-2E4 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E3S
E3S
8
E3S-R2E(B)41
E3S-DS30E(B)41
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 165 g
Note:
A mounting bracket can be attached to side A.
E3S-DS30E(B)4S(1)
Cord:
4.5-mm dia., 18/0.12, 4-conductor
Standard length: 2 m
Weight: approx. 155 g
E3S-R2E42
E3S-DS30E42
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 165 g
Mounting Holes
E3S-2LE(B)4, E3S-2DE(B)4
E3S-2LE(B)41, E3S-2DE(B)41
E3S-DS10E(B)4, E3S-DS10E(B)41
E3S-5LE(B)4(1), E3S-5DE(B)4(1), E3S-5E4S(1)
E3S-DS30E(B)4, E3S-R2E(B)4, E3S-R2E42
E3S-DS30E(B)41, E3S-R2E(B)41
E3S-DS30E42, E3S-DS30E4S(1)
Two, M4 slotted
hexagonal bolts
Emitter
Receiver
Lens (10 x 15)
Indicator
Sensitivity adjustor
13 dia.
(A) (see note)
Emitter
Receiver
Two, M4 slotted
hexagonal bolts
11 mm
dia. lens
Sensitivity adjustor (receiver only)
Mode selector (receiver only)
Cord protector
Two mounting holes
Indicator
Mounting bracket
16 dia.
Two, M4 slotted
hexagonal bolts
Emitter
Receiver
Lens (10 x 15)
Indicator
Sensitivity adjustor
13 dia.
Two, M3 holes
Two, M4 holes
20
25.4


Similar Part No. - E3S-2E4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-2E4 OMRON-E3S-2E4 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2E4 OMRON-E3S-2E4 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-2E4 OMRON-E3S-2E4 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2E41 OMRON-E3S-2E41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2E41 OMRON-E3S-2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
More results

Similar Description - E3S-2E4

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3C-S10 OMRON-E3C-S10 Datasheet
302Kb / 16P
   Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com