Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-R2E4 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3S-R2E4
Description  Photoelectric Sensor with Built-in Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3S-R2E4 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
E3S
4
Sensing Distance vs. Size of Sensing Object
Parallel Operating Range
E3S-DS30E4 (41) (42)
E3S-R2E4 (41) (42)
E3S-DS10E4 (41)
E3S-LS20XE4
Excess Gain vs. Set Distance
Load Residual Voltage Characteristics
E3S-LS10XE4
E3S-LS3RC4
E3S-DS30E4 (1) (2)
600
500
400
300
200
100
0
100
150
50
E3S-DS10E4 (1)
The larger the sensing object,
the longer the operating distance.
d
d
White
paper
Side length (one side) of sensing object d (mm)
Sensing
object
500
400
300
200
100
0
100
150
50
Short edge of sensing object (mm)
Short edge
Short: Long ratio = 2:3
White
paper
Sensing object
Long
edge
100
80
60
40
20
0
2.8
2.4
2
1.6
1.2
3.2
0.8
0.4
Distance X
Parallel movement
distance Y
Distance X (m)
10,000
5,000
3,000
1,000
500
300
100
50
30
0
140 160
60
40
80
100
120
20
Received light output peak:
100 mm
Received light
output peak:
30 mm
• Sensitivity adjuster at
maximum setting
• The characteristics are for
when the distance where the
received light output reaches
its peak is set to 30, 50, and
100 mm using the distance
adjuster.
Received light
output peak:
50 mm
Distance (mm)
Operating
level
100
50
30
10
5
3
1
0.5
0.3
0
44
52
20
28
36
Setting
distance
Set distance (mm)
Operating voltage
Standard sensing object
(white paper)
Standard sensing
object
(black carbon)
2.0
1.5
1.0
0.5
0
100
150
200
50
80
20
Load current (mA)


Similar Part No. - E3S-R2E4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-R2E4 OMRON-E3S-R2E4 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-R2E4 OMRON-E3S-R2E4 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-R2E4 OMRON-E3S-R2E4 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
More results

Similar Description - E3S-R2E4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com